Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OTPL80FP Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # OTPL80FP
Description  enclosed switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OTPL80FP Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button OTPL80FP Datasheet HTML 8Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 9Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 10Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 11Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 12Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 13Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 14Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 15Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12 | Enclosed switches - eOT
Dimension drawings
Plastic enclosed switches
eOT63_
eOT45U_-P
210
8.27
189
7.44
300
11.81
238
9.37
150
5.91
105
4.13
Ø6.6
0.26
181
7.12
136
5.35
45
1.77
20.5
0.81
60
2.36
238
9.37
189
7.44
1"
1 1/4"
ABB Oy
Piirustus No.
Document No.
Teki
Prepared
Hyväksyi
Approved
Tarkasti
Checked
Low Voltage Switches
2011-05-10
T Mäkkylä
13/EOT30-100U_P_-P
C
1"
1 1/4"
mm
in
20
0.79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com