Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OTPL80FP Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # OTPL80FP
Description  enclosed switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OTPL80FP Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button OTPL80FP Datasheet HTML 8Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 9Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 10Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 11Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 12Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 13Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 14Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 15Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14 | Enclosed switches - eOT
Dimension drawings
Sheet steel and stainless steel
enclosed switches
eOT30U3_, eOT60U3_
eOT100_
Type 1
Type 3R, 4X, 12
Knock-outs in top and bottom
of type 1 enclosures
241,3
9,50
104,4
4,11
208,8
8,22
86,1
3,39
127,0
5,00
159,5
6,28
2,8
0,11
108,7
4,28
45,0
1,77
153,7
6,05
127,0
5,0
127,0
5,0
101,6
4,00
222,3
8,75
mm
in
7,9
0,31
34,9
1,38
41,3
1,63
41,3
1,63
34,9
1,38
38,1
1,50
36,0
1,42
3/4"
1/2"
1 "
3/4 "
143,2
5,64
2,8
0,11
19
0,75
34,5
1,36
108,7
4,28
1) Measurement with stainless steel handle
160,7mm, 6,32 inches
2) Measurement with stainless steel handle
52mm, 2,05 inches
1)
2)
19
0,75
Type 3R, 4X, 12
Type 1
Knock-outs in top and bottom
of type 1 enclosures
mm
in
7,9
0,31
292,1
11,50
130,3
5,13
260,4
10,25
111,5
4,39
177,8
7,00
210,3
8,28
2,8
0,11
179,1
7,05
133,1
5,28
45
1,77
36,0
1,42
38,1
1,50
47,6
1,88
54,0
2,13
54,0
2,13
47,6
1,88
1 "
3/4 "
3/4 "
1/2 "
177,8
7,00
177,8
7,00
152,4
6,00
273,1
10,75
19
0,75
167,6
6,64
34,5
1,36
133,1
5,28
2,8
0,11
1) Measurement with stainless steel handle
186,1mm, 7,33 inches
2) Measurement with stainless steel handle
52mm, 2,05 inches
1)
2)
19
0,75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com