Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM397 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM397
Description  Single General-Purpose Voltage Comparator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM397 Datasheet(HTML) 3 Page - Texas Instruments

  LM397 Datasheet HTML 1Page - Texas Instruments LM397 Datasheet HTML 2Page - Texas Instruments LM397 Datasheet HTML 3Page - Texas Instruments LM397 Datasheet HTML 4Page - Texas Instruments LM397 Datasheet HTML 5Page - Texas Instruments LM397 Datasheet HTML 6Page - Texas Instruments LM397 Datasheet HTML 7Page - Texas Instruments LM397 Datasheet HTML 8Page - Texas Instruments LM397 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
OUTPUT
1
2
3
5
4
VIN
-
GND
VS
VIN
+
LM397
www.ti.com
SNOS977E – MAY 2001 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
2
P
Ground
OUTPUT
5
O
Output
VIN+
3
I
Noninverting Input
VIN
1
I
Inverting Input
VS
4
P
Supply
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM397



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com