Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM397 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM397
Description  Single General-Purpose Voltage Comparator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM397 Datasheet(HTML) 1 Page - Texas Instruments

  LM397 Datasheet HTML 1Page - Texas Instruments LM397 Datasheet HTML 2Page - Texas Instruments LM397 Datasheet HTML 3Page - Texas Instruments LM397 Datasheet HTML 4Page - Texas Instruments LM397 Datasheet HTML 5Page - Texas Instruments LM397 Datasheet HTML 6Page - Texas Instruments LM397 Datasheet HTML 7Page - Texas Instruments LM397 Datasheet HTML 8Page - Texas Instruments LM397 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
R1
VO
VIN
-
+
R3
VS
RPULL-UP
R2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM397
SNOS977E – MAY 2001 – REVISED OCTOBER 2015
LM397 Single General-Purpose Voltage Comparator
1 Features
3 Description
The LM397 device is a single voltage comparator
1
TA = 25°C. Typical Values Unless Otherwise
with an input common mode that includes ground.
Specified.
The LM397 is designed to operate from a single 5-V
5-Pin SOT-23 Package
to 30-V power supply or a split power supply. Its low
Industrial Operating Range
−40°C to +85°C
supply
current
is
virtually
independent
of
the
magnitude of the supply voltage.
Single or Dual Power Supplies
Wide Supply Voltage Range 5 V to 30 V
The LM397 features an open-collector output stage.
This allows the connection of an external resistor at
Low Supply Current 300 µA
the output. The output can directly interface with TTL,
Low Input Bias Current 7 nA
CMOS and other logic levels, by tying the resistor to
Low Input Offset Current ±1 nA
different voltage levels (level translator).
Low Input Offset Voltage ±2 mV
The LM397 is available in the space-saving 5-Pin
Response Time 440 ns (50-mV Overdrive)
SOT-23 package and is pin-compatible to TI’s TL331,
a single differential comparator.
Input Common-Mode Voltage 0 to VS – 1.5 V
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
A/D Converters
LM397
SOT-23 (5)
2.90 mm × 1.60 mm
Pulse, Square-Wave Generators
(1) For all available packages, see the orderable addendum at
Peak Detector
the end of the data sheet.
Industrial Applications
Typical Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM397

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
Single General Purpose Voltage Comparator
LM397 NSC-LM397 Datasheet
603Kb / 8P
Single General Purpose Voltage Comparator
logo
Texas Instruments
LM397 TI-LM397 Datasheet
800Kb / 14P
LM397 Single General Purpose Voltage Comparator
LM397 TI-LM397 Datasheet
800Kb / 14P
LM397 Single General Purpose Voltage Comparator
LM397 TI1-LM397 Datasheet
823Kb / 15P
LM397 Single General Purpose Voltage Comparator
More results

Similar Description - LM397

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
Single General Purpose Voltage Comparator
LM397 NSC-LM397_06 Datasheet
603Kb / 8P
Single General Purpose Voltage Comparator
logo
BCD Semiconductor Manuf...
AZV331 BCDSEMI-AZV331 Datasheet
384Kb / 14P
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
General-purpose low voltage comparator
10-Dec-2009
logo
Texas Instruments
LM397MFX TI-LM397MFX Datasheet
800Kb / 14P
LM397 Single General Purpose Voltage Comparator
LM397MF TI-LM397MF Datasheet
800Kb / 14P
LM397 Single General Purpose Voltage Comparator
LM397 TI1-LM397 Datasheet
823Kb / 15P
LM397 Single General Purpose Voltage Comparator
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
Single General Purpose Voltage Comparator
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Rev 2
LMV331 DIODES-LMV331 Datasheet
1Mb / 13P
GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com