Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NFCLL036B-V1 Datasheet(PDF) 5 Page - NICHIA CORPORATION

Part # NFCLL036B-V1
Description  Built-in ESD Protection Device
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFCLL036B-V1 Datasheet(HTML) 5 Page - NICHIA CORPORATION

  NFCLL036B-V1 Datasheet HTML 1Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 2Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 3Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 4Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 5Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 6Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 7Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 8Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
NICHIA STS-DA1-3932C <Cat.No.151207>
4
CHROMATICITY DIAGRAM
2700K
3000K
3500K
4000K
4500K
2400K
0.25
0.30
0.35
0.40
0.45
0.50
0.30
0.35
0.40
0.45
0.50
0.55
x
sm303
sm403
sm273
sm353
sm453
黒体放射軌跡
Blackbody Locus
sm243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com