Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NFCLL036B-V1 Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NFCLL036B-V1
Description  Built-in ESD Protection Device
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFCLL036B-V1 Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NFCLL036B-V1 Datasheet HTML 1Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 2Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 3Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 4Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 5Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 6Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 7Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 8Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
NICHIA STS-DA1-3932C <Cat.No.151207>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
33.4
36.6
V
Luminous Flux
Q0145
1450
1790
lm
Q0143
1430
1750
Q0138
1380
1700
Q0135
1350
1670
Q0133
1330
1630
Q0128
1280
1580
Q0125
1250
1530
Q0117
1170
1430
Q0113
1130
1390
Q0110
1100
1360
Q0107
1070
1310
Q0102
1020
1260
Color Rendering Index
R70
Ra
70
-
-
R8000
Ra
80
-
-
R9
0
-
-
R9050
Ra
90
-
-
R9
50
-
-
Color Ranks
Rank sm243
Rank sm273
Rank sm303
Rank sm353
Rank sm403
Rank sm453
Center Point
x
0.4829
0.4578
0.4338
0.4073
0.3818
0.3611
y
0.4144
0.4101
0.4030
0.3917
0.3797
0.3658
* Ranking at TC=25°C.
* Forward Voltage Tolerance: ±0.35V
* Luminous Flux Tolerance: ±7%
* Color Rendering Index Ra Tolerance: ±2
* Color Rendering Index R9 Tolerance: ±6.5
* The R9 value for the above rank shall be greater than 0.
* Chromaticity Coordinate Tolerance: ±0.005
* The color rank has a chromaticity range within a 3-step MacAdam ellipse.
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com