Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA220 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High- or Low-Side, Bidirectional Current and Power Monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA220 Datasheet(HTML) 2 Page - Texas Instruments

  INA220 Datasheet HTML 1Page - Texas Instruments INA220 Datasheet HTML 2Page - Texas Instruments INA220 Datasheet HTML 3Page - Texas Instruments INA220 Datasheet HTML 4Page - Texas Instruments INA220 Datasheet HTML 5Page - Texas Instruments INA220 Datasheet HTML 6Page - Texas Instruments INA220 Datasheet HTML 7Page - Texas Instruments INA220 Datasheet HTML 8Page - Texas Instruments INA220 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
INA220
SBOS459E – JUNE 2009 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: INA220
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Related Products ................................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics........................................... 5
7.6
Bus Timing Diagram Definitions................................ 6
7.7
Typical Characteristics .............................................. 7
8
Detailed Description .............................................. 9
8.1
Overview ................................................................... 9
8.2
Functional Block Diagram ......................................... 9
8.3
Feature Description................................................... 9
8.4
Device Functional Modes........................................ 10
8.5
Programming .......................................................... 11
8.6
Register Maps ......................................................... 17
9
Application and Implementation ........................ 24
9.1
Application Information............................................ 24
9.2
Typical Application .................................................. 24
10
Power Supply Recommendations ..................... 28
11
Layout................................................................... 28
11.1
Layout Guidelines ................................................. 28
11.2
Layout Example .................................................... 28
12
Device and Documentation Support ................. 29
12.1
Related Documentation......................................... 29
12.2
Community Resources.......................................... 29
12.3
Trademarks ........................................................... 29
12.4
Electrostatic Discharge Caution ............................ 29
12.5
Glossary ................................................................ 29
13
Mechanical, Packaging, and Orderable
Information ........................................................... 29
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (September 2010) to Revision E
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes section, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section ............................................................... 1
Deleted Temperature Range parameters from Electrical Characteristics. ............................................................................. 6
Changes from Revision C (September, 2009) to Revision D
Page
Changed High Accuracy bullet in Features from 1% to 0.5% for B-grade device.................................................................. 1
Added new paragraph to Description regarding A- and B-grade versions of the device ....................................................... 1
Added new row to Packaging Information table to show new B-grade device ...................................................................... 3
Added B-grade columns in Electrical Characteristics for MIN, TYP and MAX values ........................................................... 5
Changed Current Sense Gain Error over temperature specification from 10 ppm/°C to 1m%/°C ......................................... 5
Added Configure/Measure/Calculate Example..................................................................................................................... 24
Changes from Revision B (June, 2009) to Revision C
Page
Changed specified temperature range from –25°C to –40°C................................................................................................. 5
Changed Offset Voltage (RTI) vs Temperature minimum specification from 0.1
μV/°C to 0.16 μV/°C ................................. 5
Updated Typical Characteristics: Figure 3, Figure 4, Figure 5, Figure 6 ............................................................................... 7
Updated Typical Characteristics: Figure 9, Figure 10 ............................................................................................................ 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com