Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS3DE Datasheet(PDF) 19 Page - STMicroelectronics

Part # LIS3DE
Description  ultra-low-power high-performance 3-axis "nano" accelerometer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DE Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LIS3DE Datasheet HTML 15Page - STMicroelectronics LIS3DE Datasheet HTML 16Page - STMicroelectronics LIS3DE Datasheet HTML 17Page - STMicroelectronics LIS3DE Datasheet HTML 18Page - STMicroelectronics LIS3DE Datasheet HTML 19Page - STMicroelectronics LIS3DE Datasheet HTML 20Page - STMicroelectronics LIS3DE Datasheet HTML 21Page - STMicroelectronics LIS3DE Datasheet HTML 22Page - STMicroelectronics LIS3DE Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
DocID023719 Rev 3
19/46
LIS3DE
Digital main blocks
46
5
Digital main blocks
5.1
FIFO
The LIS3DE embeds a 32-level data FIFO for each of the three output channels, X, Y and Z.
This allows consistent power saving for the system, since the host processor does not need
to continuously poll data from the sensor, but it can wake up only when needed and burst
the significant data out from the FIFO.
In order to enable the FIFO buffer, the FIFO_EN bit in CTRL_REG5 (24h) must be set to ‘1’.
This buffer can work according to four different modes: Bypass mode, FIFO mode, Stream
mode and Stream-to-FIFO mode. Each mode is selected by the FM [1:0] bits in
FIFO_CTRL_REG (2Eh). Programmable FIFO watermark level, FIFO empty or FIFO
overrun events can be enabled to generate dedicated interrupts on the INT1 pin
(configuration through CTRL_REG3 (22h)).
FIFO_SRC_REG (EMPTY) is equal to ‘1’ when all FIFO samples are ready and FIFO is
empty.
FIFO_SRC_REG (WTM) goes to ‘1’ if a new data is written in the buffer and
FIFO_SRC_REG (FSS [4:0]) is greater than or equal to FIFO_CTRL_REG (FTH [4:0]).
FIFO_SRC_REG (WTM) goes to ‘0’ if reading X, Y, Z data slot from FIFO and
FIFO_SRC_REG (FSS [4:0]) is less than or equal to FIFO_CTRL_REG (FTH [4:0]).
FIFO_SRC_REG (OVRN_FIFO) is equal to ‘1’ if a FIFO slot is overwritten.
5.1.1
Bypass mode
In Bypass mode the FIFO is not operational and for this reason it remains empty. For each
channel only the first address is used. The remaining FIFO levels are empty.
Bypass mode must be used in order to reset the FIFO buffer when a different mode is
operating (i.e. FIFO mode).
5.1.2
FIFO mode
In FIFO mode, the buffer continues filling data from the X, Y and Z accelerometer channels
until it is full (32 samples set stored). When the FIFO is full, it stops collecting data from the
input channels and the FIFO content remains unchanged.
An overrun interrupt can be enabled, INT1_OVERRUN = '1' in the CTRL_REG3 (22h)
register, in order to be raised when the FIFO stops collecting data. When overrun interrupt
occurs, the first data has been overwritten and the FIFO stops collecting data from the input
channels.
At the end of the reading procedure it is necessary to exit Bypass mode in order to reset the
FIFO content. After this reset command, it is possible to restart FIFO mode just by selecting
the FIFO mode configuration (FM bits) in register FIFO_CTRL_REG (2Eh).
5.1.3
Stream mode
In Stream mode the FIFO continues filling data from X, Y, and Z accelerometer channels,
when the buffer is full (32 samples set stored) the FIFO buffer index restarts from the
beginning and older data is replaced by the current. The oldest values continue to be
overwritten until a read operation frees FIFO slots.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com