Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS3DE Datasheet(PDF) 40 Page - STMicroelectronics

Part # LIS3DE
Description  ultra-low-power high-performance 3-axis "nano" accelerometer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DE Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LIS3DE Datasheet HTML 36Page - STMicroelectronics LIS3DE Datasheet HTML 37Page - STMicroelectronics LIS3DE Datasheet HTML 38Page - STMicroelectronics LIS3DE Datasheet HTML 39Page - STMicroelectronics LIS3DE Datasheet HTML 40Page - STMicroelectronics LIS3DE Datasheet HTML 41Page - STMicroelectronics LIS3DE Datasheet HTML 42Page - STMicroelectronics LIS3DE Datasheet HTML 43Page - STMicroelectronics LIS3DE Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
Register description
LIS3DE
40/46
DocID023719 Rev 3
8.29
CLICK_CFG (38h)
8.30
CLICK_SRC (39h)
Table 66. CLICK_CFG register
--
--
ZD
ZS
YD
YS
XD
XS
Table 67. CLICK_CFG register description
ZD
Enable interrupt double-click on Z-axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured accel. value higher
than preset threshold)
ZS
Enable interrupt single-click on Z-axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured accel. value higher
than preset threshold)
YD
Enable interrupt double-click on Y-axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured accel. value higher
than preset threshold)
YS
Enable interrupt single-click on Y-axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured accel. value higher
than preset threshold)
XD
Enable interrupt double-click on X-axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured accel. value higher
than preset threshold)
XS
Enable interrupt single-click on X-axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured accel. value higher
than preset threshold)
Table 68. CLICK_SRC register
-
IA
DCLICK
SCLICK
Sign
Z
Y
X
Table 69. CLICK_SRC register description
IA
Interrupt active. Default value: 0
(0: no interrupt has been generated; 1: one or more interrupts have been generated)
DCLICK Double-click enable. Default value: 0 (0: double-click detection disable, 1: double-click
detection enable)
SCLICK Single-click enable. Default value: 0 (0: single-click detection disable, 1: single-click
detection enable)
Sign
Click sign. 0: positive detection, 1: negative detection
Z
Z click detection. Default value: 0
(0: no interrupt, 1: Z high event has occurred)
Y
Y click detection. Default value: 0
(0: no interrupt, 1: Y high event has occurred)
X
X click detection. Default value: 0
(0: no interrupt, 1: X high event has occurred)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com