Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3955-ATDM-I4 Datasheet(PDF) 78 Page - ams AG

Part # AS3955-ATDM-I4
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ATDM-I4 Datasheet(HTML) 78 Page - ams AG

Back Button AS3955-ATDM-I4 Datasheet HTML 74Page - ams AG AS3955-ATDM-I4 Datasheet HTML 75Page - ams AG AS3955-ATDM-I4 Datasheet HTML 76Page - ams AG AS3955-ATDM-I4 Datasheet HTML 77Page - ams AG AS3955-ATDM-I4 Datasheet HTML 78Page - ams AG AS3955-ATDM-I4 Datasheet HTML 79Page - ams AG AS3955-ATDM-I4 Datasheet HTML 80Page - ams AG AS3955-ATDM-I4 Datasheet HTML 81Page - ams AG AS3955-ATDM-I4 Datasheet HTML 82Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 111 page
background image
Page 78
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Register Description
Status Display Registers
Figure 87:
RFID Status Display Register
Figure 88:
IC Status Display Register
Note(s) and/or Footnote(s):
1. Default is set during production
Address 04h: RFID Status Display
Bit
Name
Function
Type
7hf_pon
1: PICC AFE is active
RO
6state<3>
0000: POWER OFF
0001: SENSE
0011: RESOLUTION
0010: RESOLUTION_L2
0110: SELECTED
0111: SECTOR_2
1111: SECTORX_2
1110: SELECTEDX
1010: SENSEX_L2
1011: SENSEX
1001: SLEEP
RO
5state<2>
4state<1>
3state<0>
2
state_notvalid
1: State update – indicates that the state is not valid
RO
1rfu
RO
0rfu
RO
Address 05h: IC Status Display
Bit
Name
Default
Function
Type
7ee2k
see note (1)
RO
6i2c
RO
5chipkill_2
0
Signal depends on the CHIP_KILL value at
initialization
RO
4chipkill_1
0
Signal depends on the CHIP_KILL value at
initialization
RO
3
auth_locked
0
Signal depends on the AUTH_CNT value
RO
2rfu
0
RO
1rfu
0
RO
0rfu
0
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com