Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3955-ATDM-I4 Datasheet(PDF) 2 Page - ams AG

Part # AS3955-ATDM-I4
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ATDM-I4 Datasheet(HTML) 2 Page - ams AG

  AS3955-ATDM-I4 Datasheet HTML 1Page - ams AG AS3955-ATDM-I4 Datasheet HTML 2Page - ams AG AS3955-ATDM-I4 Datasheet HTML 3Page - ams AG AS3955-ATDM-I4 Datasheet HTML 4Page - ams AG AS3955-ATDM-I4 Datasheet HTML 5Page - ams AG AS3955-ATDM-I4 Datasheet HTML 6Page - ams AG AS3955-ATDM-I4 Datasheet HTML 7Page - ams AG AS3955-ATDM-I4 Datasheet HTML 8Page - ams AG AS3955-ATDM-I4 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 111 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − General Description
Key Benefits & Features
The benefits and features of AS3955, NFC Forum compliant
Dynamic Tag are listed below:
Figure 1:
Added Value of Using AS3955
Benefits
Features
• NFC Forum compliance for full interoperability
• Type 2 Tag standalone functionality
• Type 4 Tag emulation with external MCU
• NFC Forum compliance
• ISO 14443A compliance up to Level 4
• Operating frequency at 13.56 MHz
• Bit rate at 106 kbps
• 7-byte UID
• Choice of memory size based on application
• 2 kbit EEPROM (216 bytes of user data) or
• 4 kbit EEPROM (472 bytes of user data)
• Allows zero-power standby
• Configurable passive wake-up interrupt
• Enables long battery life time, or battery-less
designs
• Energy harvesting to supply up to 5mA @ 4.5V
(regulated)
• Allows fast antenna prototyping (ISO antenna
classes 1 to 6)
• 45 pF integrated resonant capacitor
• Design flexibility, easy integration. Fits
requirements for various embedded applications
• 3/4-wire SPI slave interface up to 5 Mbps
• I²C slave interface up to 1 Mbps
• Design flexibility, easy integration
• Programmable I²C address
• Fits supply requirements for various applications,
including industrial
• Wide interface supply range (1.65V to 5.5V)
• Support for multiple applications, and storage of
sensitive data
• 32-bit password memory protection
• High performance and robust data
communication, allows custom protocols to be
implemented
• Tunneling and Extended modes for MCU
communication
• Consistent NFC behavior of battery supplied
devices in e.g. pairing applications
• Silent mode (MCU power status detection),
configurable between 1.42V and 3.65V
• Possibility to disable RF communication
• Configurable Chip Kill mode
• Small outline, compatibility to common inlay and
card manufacturing lines, surface-mount
assembly
• Sawn wafer
• WL-CSP package
• 10-pin MLPD 3x3mm package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com