Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3955-ASWF-I2 Datasheet(PDF) 71 Page - ams AG

Part # AS3955-ASWF-I2
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-I2 Datasheet(HTML) 71 Page - ams AG

Back Button AS3955-ASWF-I2 Datasheet HTML 67Page - ams AG AS3955-ASWF-I2 Datasheet HTML 68Page - ams AG AS3955-ASWF-I2 Datasheet HTML 69Page - ams AG AS3955-ASWF-I2 Datasheet HTML 70Page - ams AG AS3955-ASWF-I2 Datasheet HTML 71Page - ams AG AS3955-ASWF-I2 Datasheet HTML 72Page - ams AG AS3955-ASWF-I2 Datasheet HTML 73Page - ams AG AS3955-ASWF-I2 Datasheet HTML 74Page - ams AG AS3955-ASWF-I2 Datasheet HTML 75Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 111 page
background image
ams Datasheet
Page 71
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Detailed Description
Interrupt Interface Description
There are two interrupt registers implemented in AS3955
(Interrupt Register 0 and Interrupt Register 1).
When an interrupt condition is met, the source of interrupt bit
is set in the interrupt register and the IRQ pin goes to high.
The microcontroller shall read the interrupt registers to
distinguish between different interrupt sources. After an
interrupt register is read, its content is reset to 0. IRQ pin goes
to low after the interrupt bit(s), which caused its transition to
high, has been read. Please note that there may be multiple
interrupt register bits set in case the controller does not
immediately read the Interrupt Registers after the IRQ signal
was set and another event causing interrupt occurred.
The process of reading interrupt registers is composed of two
phases. In the first phase, interrupts are pushed into internal
buffer just before reading the first bit of the register. In the
second phase the bits stored in the buffer are read out. The
interrupts stored in each internal register are cleared and
considered being read out at the rising edge of SCLK of the first
interrupt bit for each interrupt register.
Buffer Interrupts and Buffer Status Register
The AS3955 contains a 32 byte buffer. In case of transmission
the Control logic shifts data which was previously loaded by the
external controller to the Framing Block and further to the
Transmitter. During reception, the demodulated data is stored
in the buffer and the external controller can download received
data.
Transmit and receive capability of the AS3955 is limited by the
buffer size. The maximum message size that can be received or
transmitted is 32 bytes. The mutual access to the buffer from
NFC block and SPI / I²C block is not allowed. At the beginning
of each reception the buffer is cleared automatically. Before the
data is loaded into the buffer via SPI / I²C for transmission the
MCU must take care of clearing the buffer.
Five interrupts that can be triggered during read or write of the
buffer:
• When buffer overflow or underflow is detected an I_bf_err
is triggered. The reason for the interrupt can be
distinguished by reading the Buffer Status Register 1.
• Buffer overflow IRQ is not blocked, in case if more than 32
bytes are received from reader or written via SPI / I²C into
buffer the buffer underflow IRQ is produced.
• When data is loaded via data RF an I_rxs and I_rxe are
triggered
• When all data is transmitted an I_txe is triggered
• When buffer is already busy due to another operation in
progress and MCU tries to access the internal buffer an
interrupt I_acc_err shall be triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com