Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3955-ASWF-I2 Datasheet(PDF) 24 Page - ams AG

Part # AS3955-ASWF-I2
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-I2 Datasheet(HTML) 24 Page - ams AG

Back Button AS3955-ASWF-I2 Datasheet HTML 20Page - ams AG AS3955-ASWF-I2 Datasheet HTML 21Page - ams AG AS3955-ASWF-I2 Datasheet HTML 22Page - ams AG AS3955-ASWF-I2 Datasheet HTML 23Page - ams AG AS3955-ASWF-I2 Datasheet HTML 24Page - ams AG AS3955-ASWF-I2 Datasheet HTML 25Page - ams AG AS3955-ASWF-I2 Datasheet HTML 26Page - ams AG AS3955-ASWF-I2 Datasheet HTML 27Page - ams AG AS3955-ASWF-I2 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 111 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Detailed Description
ACK Response
The ACK response of AS3955 is a 4-bit value Ah.
NACK Response
The AS3955 uses all four combinations of NAK values. The usage
of various NAK values is explained in section Error Handling.
Access to UID, SENS_RES and SEL_REQ During
Anti-Collision
UID block, SENSR1, SENSR2 and SELR bytes are stored in a buffer.
The purpose of storing these data into the buffer is faster access
to the data and UID verification during the anti-collision
procedure. Buffer access over SPI / I²C is locked until NFC tag
enters SELECTED state.
Get Version Command
In addition to standard NFC tag commands, AS3955 supports a
custom Get Version command. This command consists of 8 bits
and shall be transmitted only in standalone and Extended mode
when the tag is SELECTED state. The command code and the
tag response are shown resp. in Figure 24 and Figure 25.
Figure 24:
Coding of Get Version Command
b8
b7
b6
b5
b4
b3
b2
b1
011000
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com