Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPA3144D2PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3144D2PWPR
Description  6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3144D2PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TPA3144D2PWPR Datasheet HTML 1Page - Texas Instruments TPA3144D2PWPR Datasheet HTML 2Page - Texas Instruments TPA3144D2PWPR Datasheet HTML 3Page - Texas Instruments TPA3144D2PWPR Datasheet HTML 4Page - Texas Instruments TPA3144D2PWPR Datasheet HTML 5Page - Texas Instruments TPA3144D2PWPR Datasheet HTML 6Page - Texas Instruments TPA3144D2PWPR Datasheet HTML 7Page - Texas Instruments TPA3144D2PWPR Datasheet HTML 8Page - Texas Instruments TPA3144D2PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Power Supply
110VAC->240VAC
TAS5630
4.5V-14.4V
TPA3144D2
Audio
Source
And Control
RIGHT
LEFT
Ferrite
Bead
Filter
Ferrite
Bead
Filter
PBTL
DETECT
SD
FAULT
1SPW
GAIN
SSCTRL
LIMRATE
1SPW Modulation Scheme Select
4 Level Gain Select
Spread Spectrum Mode Select
AGL Speed Select / Voltage Limiter
LIMTHRES
AGL / Limiter Threshold
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPA3144D2
SLOS907B – APRIL 2015 – REVISED JULY 2015
TPA3144D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
and AGL
1 Features
3 Description
The TPA3144D2 is an efficient, Class-D audio power
1
•
2x6 W/ch into 4-
Ω Loads at 10% THD+N from a
amplifier for driving bridged-tied stereo speakers at
7-V Supply
up to 6 W 6
Ω or 8 Ω (per channel).
•
2x6 W/ch into 6-
Ω Loads at 10% THD+N from a
Advanced EMI Suppression Technology with Spread
9.5-V Supply
Spectrum Control and 1SPW modulation scheme
•
2x6 W/ch into 8-
Ω Loads at 10% THD+N from a
enables the use of inexpensive ferrite bead filters at
10-V Supply
the outputs while meeting EMC requirements for
•
Up to 90% Efficient Class-D Operation (8
Ω)
system cost reduction. TPA3144D2 is not only fully
Eliminates Need for Heat Sinks
protected
against
shorts
and
overload,
the
SpeakerGuard™ speaker protection circuitry includes
•
<0.05% THD+N at 1 W/4
Ω/1 kHz
an
adjustable
Automatic
Gain
Limit
(AGL),
an
•
<65-µV A-wgt Output Noise
adjustable power limiter and a DC detection circuit for
•
Wide Supply Voltage Range Allows Operation
protection of the connected speakers. The AGL
SpeakerGuard™ speaker protection circuitry
allows adjustment of the maximum output voltage
without
signal
clipping
for
enhanced
speaker
includes from 4.5 V to 14.4 V
protection and audio quality. The DC detect and Pin-
•
Inductor-Free Operation
to-Pin, Pin-to-Ground and Pin-to-Power Short Circuit
•
Enhanced EMI Performance with Spread
protection circuit protect the speakers from output DC
Spectrum and 1SPW Operation
and pin shorts caused in production. The outputs are
•
SpeakerGuard™ Speaker Protection Includes
also fully protected against shorts to GND, PVCC,
and output-to-output. The short-circuit protection and
Automatic Gain Limit, Adjustable Power Limiter
thermal protection includes an auto recovery feature.
and DC Protection
•
Robust Pin-to-Pin, Pin-to-Ground and Pin-to-
The TPA3144D2 can drive stereo speakers with as
low as 4-
Ω impedance. The high efficiency of the
Power Short Circuit Protection and Thermal
TPA3144D2, 90% with 8-
Ω load, eliminates the need
Protection
for an external heat sink, and TPA3144D2 will be
•
Four Selectable, Fixed Gain Settings
able to output full power on a 2-layer PCB.
•
Single Ended or Differential Analog Inputs
•
Click and Pop Free Startup
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
TPA3144D2
HTSSOP (28)
9.70 mm x 4.40 mm
•
Televisions
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
•
BT Speakers
•
Wireless Speakers
Simplified Schematic
•
Mini Speakers
•
USB Speakers
•
Consumer Audio Equipment
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPA3144D2PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3144D2 TI-TPA3144D2_15 Datasheet
1Mb / 40P
TPA3144D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
More results

Similar Description - TPA3144D2PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3005D2 TI-TPA3005D2 Datasheet
379Kb / 25P
6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3140D2 TI-TPA3140D2_15 Datasheet
1Mb / 40P
TPA3140D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3144D2 TI-TPA3144D2_15 Datasheet
1Mb / 40P
TPA3144D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3005D2 TI-TPA3005D2_15 Datasheet
927Kb / 31P
6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3136D2 TI1-TPA3136D2 Datasheet
1Mb / 35P
TPA3136D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3137D2 TI1-TPA3137D2 Datasheet
1Mb / 35P
TPA3137D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3136D2 TI1-TPA3136D2_17 Datasheet
1Mb / 35P
10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com