Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPA3144D2PWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3144D2PWPR
Description  6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3144D2PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA3144D2PWPR Datasheet HTML 9Page - Texas Instruments TPA3144D2PWPR Datasheet HTML 10Page - Texas Instruments TPA3144D2PWPR Datasheet HTML 11Page - Texas Instruments TPA3144D2PWPR Datasheet HTML 12Page - Texas Instruments TPA3144D2PWPR Datasheet HTML 13Page - Texas Instruments TPA3144D2PWPR Datasheet HTML 14Page - Texas Instruments TPA3144D2PWPR Datasheet HTML 15Page - Texas Instruments TPA3144D2PWPR Datasheet HTML 16Page - Texas Instruments TPA3144D2PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
LINP
/FAULT
AVCC
RINP
RINN
AGND
GAIN
LIMRATE
SSCTRL
LINN
/SD
GVDD
LIMTHRES
1SPW
TPA3144D2
www.ti.com
SLOS907B – APRIL 2015 – REVISED JULY 2015
Feature Description (continued)
Figure 16. GAIN Pin Voltage Programming by GVDD Resistor Divider
The gains listed in Table 1 are realized by changing the taps on the input resistors and feedback resistors inside
the amplifier. This causes the input impedance (Zi) to be dependent on the gain setting. The actual gain settings
are controlled by ratios of resistors, so the gain variation from part-to-part is small. However, the input impedance
from part-to-part at the same gain may shift by ±20% due to shifts in the actual resistance of the input resistors.
The selected input gain is latched at device start up and cannot be changed when SD is high.
For design purposes, the input network (discussed in the next section) should be designed assuming an input
impedance of 7.2 k
Ω, which is the absolute minimum input impedance of the TPA3144D2. At the lower gain
settings, the input impedance could increase as high as 72 k
Ω.
Table 1. Gain Setting
AMPLIFIER GAIN (dB)
INPUT IMPEDANCE (k
Ω)
GAIN PIN VOLTAGE
TYP
TYP
0 V (GND)
20
60
2.3 V (1/3·GVDD)
26
30
4.6 V (2/3·GVDD)
32
15
6.9 V (GVDD)
36
9
9.3.2
SD Operation
The TPA3144D2 employs a shutdown mode of operation designed to reduce supply current (ICC) to the absolute
minimum level during periods of nonuse for power conservation. The SD input pin should be held high (see
specification table for trip point) during normal operation when the amplifier is in use. Pulling SD low causes the
outputs to mute and the amplifier to enter a low-current state. Never leave SD unconnected, because amplifier
operation would be unpredictable.
For the best power-off pop performance, place the amplifier in the shutdown mode prior to removing the power
supply voltage.
9.3.3 Gain Limit Control, LIMTHRES and LIMRATE
The TPA3144D2 has built-in gain limiters with two operation modes for load and system protection: Voltage
limiting and temperature limiting. The voltage limiting mode controls the TPA3144D2 voltage gain to limit the
output signal without signal clipping, and the temperature control mode limits the device power dissipation to
keep the die temperature within recommended operating conditions. Both voltage limiter and thermal limiter
attack and release speeds (time per 0.5dB gain step) are controlled by the LIMRATE pin:
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPA3144D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com