Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL8812FDF-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AL8812FDF-13
Description  BOOST - BUCK DC-DC CONVERTER FOR DIMMABLE MR16 LED LAMPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8812FDF-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  AL8812FDF-13 Datasheet HTML 1Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 2Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 3Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 4Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 5Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 6Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 7Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 8Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AL8812
Document number: DS37099 Rev. 1 - 2
5 of 11
www.diodes.com
March 2014
© Diodes Incorporated
AL8812
0. 1
1
10
0.1
1
10
0.1
1
10
0.1
1
10
23
45
0.1
1
10
-5 0
0
50
10 0
150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
11 0
0.1
1
0.4
0.6
0.8
1.0
1.2
0.1
1
10
4V
10V
5V
3.5V
2.5V
Output Characteristics
T = 25°C
3V
V
GS
V
DS D rain-Source Voltage (V )
2V
2.5V
4V
10V
5V
3V
Output Char acteris tics
T = 150°C
V
GS
3.5V
V
DS
Drain-Sourc e Voltage (V)
Typical Transfer Characte ristics
V
DS = 10V
T = 25°C
T = 150°C
V
GS G a te -S o urce V o ltag e (V )
Norm alised Curves v Tem perature
R
DS (on )
V
GS = 10V
I
D = 2.5A
V
GS ( th)
V
GS = V DS
I
D = 250uA
Tj Junction Tem perature (°C)
4.5V
4V
5V
3.5V
On-Resistance v Drain Cur rent
T = 25°C
3V
10V
V
GS
I
D
Drain Current (A)
T = 150°C
T = 25°C
Source-Drain Diode Forw ard Voltage
V
SD
Source-Drain Voltage (V)
110
0
100
200
300
400
500
C
RSS
C
OSS
C
ISS
V
GS = 0V
f = 1MHz
V
DS - Drain - Source Voltage (V)
012345
6
0
2
4
6
8
10
I
D = 2.5A
V
DS = 30V
Gate-Source Voltage v Gate Charge
Capacitance v Drain-Source Voltage
Q - Charge (nC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com