Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL8812FDF-13 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AL8812FDF-13
Description  BOOST - BUCK DC-DC CONVERTER FOR DIMMABLE MR16 LED LAMPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8812FDF-13 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AL8812FDF-13 Datasheet HTML 3Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 4Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 5Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 6Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 7Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 8Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 9Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 10Page - Diodes Incorporated AL8812FDF-13 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AL8812
Document number: DS37099 Rev. 1 - 2
10 of 11
www.diodes.com
March 2014
© Diodes Incorporated
AL8812
Ordering Information
Part Number
Package Code
Packaging
Tube
13” Tape and Reel
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AL8812FDF-13
FDF
U-DFN6040-12
NA
NA
3000/Tape & Reel
-13
Marking Information
(1) U-DFN6040-12
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
U-DFN6040-12
Dim Min
Max
Typ
A
0.55 0.65 0.60
A1
0
0.05 0.02
A3
-
-
0.15
b
0.35 0.45 0.40
D
5.95 6.05 6.00
D1
1.95 2.15 2.05
D2
2.35 2.55 2.45
e
-
-
1.00
E
3.95 4.05 4.00
E1
2.10 2.30 2.20
E2
1.80 2.00 1.90
L
0.35 0.45 0.40
Z
-
-
0.30
All Dimensions in mm
A3
A1
Seating Plane
D
E
e
L
b
Z
A
D1
E1
D2
E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com