Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDCLVC1310 Datasheet(PDF) 19 Page - Texas Instruments

Part # CDCLVC1310
Description  Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1310 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CDCLVC1310_14 Datasheet HTML 15Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 16Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 17Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 18Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 19Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 20Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 21Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 22Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
0
1
2
3
4
5
6
0
20
40
60
80
100
120
140
160
180
200
f − Clock Frequency (MHz)
VDDO=3.465V
VDDO=2.625V
VDDO=2.0V
VDDO=1.65V
4
6
8
10
12
14
16
0
20
40
60
80
100
120
140
160
180
200
Pstat + Pdyn + PCload2pF
Pstat + Pdyn + PCload8pF
f − Clock Frequency (MHz)
VDD=VDDO=2.625V
CDCLVC1310
www.ti.com
SCAS917E – JULY 2011 – REVISED JANUARY 2014
Figure 20. Device Power Consumption versus
Figure 21. Device Power Consumption versus
Clock Frequency (VDD = VDDO = 3.465 V; Load
Clock Frequency (VDD = VDDO = 2.625 V; Load
2 pF, 8 pF; per Output)
2 pF, 8 pF; per Output)
Figure 22. Dynamic Supply Current versus Clock Frequency (per Output)
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: CDCLVC1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com