Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDCLVC1310 Datasheet(PDF) 20 Page - Texas Instruments

Part # CDCLVC1310
Description  Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1310 Datasheet(HTML) 20 Page - Texas Instruments

Back Button CDCLVC1310_14 Datasheet HTML 16Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 17Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 18Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 19Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 20Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 21Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 22Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 23Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
3.0 mm
(min)
0.7 mm
(typ)
0.3 mm
(typ)
CDCLVC1310
SCAS917E – JULY 2011 – REVISED JANUARY 2014
www.ti.com
Thermal Management
Power consumption of the CDCLVC1310 can be high enough to require attention to thermal management. For
reliability and performance reasons, limit the die temperature to a maximum of 125°C. That is, as an estimate, TA
(ambient temperature) plus device power consumption times
θJA should not exceed 125°C.
The device package has an exposed pad that provides the primary heat removal path as well as an electrical
grounding to the printed circuit board (PCB). To maximize the removal of heat from the package, incorporate a
thermal landing pattern including multiple vias to a ground plane on the PCB within the footprint of the package.
Solder the exposed pad down to ensure adequate heat conduction out of the package. Figure 23 shows a
recommended land and via pattern.
Figure 23. Recommended PCB Layout for CDCLVC1310
20
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: CDCLVC1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com