Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL23EP09SC-1HT Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SL23EP09SC-1HT
Description  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP09SC-1HT Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SL23EP09SC-1HT Datasheet HTML 2Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 3Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 4Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 5Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 6Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 7Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 8Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 9Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Rev 2.0, May 12, 2008
Page 6 of 14
SL23EP09
Operating Conditions: Unless Otherwise Stated VDD=2.3V to 3.6V and for Both C and I Grades
Symbol
Description
Condition
Min.
Max.
Unit
VDD3.3
3.3V Supply Voltage
3.3V+/-10%
3.0
3.6
V
VDD2.5
2.5V Supply Voltage
2.5V+/-10%
2.3
2.7
V
TA
Operating Temperature(Ambient)
Commercial
0
70
°C
Industrial
–40
85
°C
CLOAD
Load Capacitance
<220 MHz, 3.3V with High Drive
–
15
pF
<200 MHz, 3.3V with Standard drive
–
15
pF
<180 MHz, 2.5V with High Drive
–
15
pF
<167 MHz, 2.5V with Standard drive
–
15
pF
<200 MHz, 3.3V with High Drive
–
22
pF
<180 MHz, 3.3V with Standard drive
–
22
pF
<167 MHz, 2.5V with High Drive
–
22
pF
<134 MHz, 2.5V with Standard drive
–
22
pF
<133 MHz, 3.3V with High Drive
–
30
pF
<100 MHz, 3.3V with Standard drive
–
30
pF
<80 MHz, 2.5V with High Drive
–
30
pF
<67 MHz, 2.5V with Standard drive
–
30
pF
CIN
Input Capacitance
S1, S2 and CLKIN pins
–
5
pF
RPU/D
Pull-up and Pull-down Resistors
Pins-12/3/6/7/8/9/10/11/14/15/16
250kΩ-typ
175
325
kΩ
CLBW
Closed-loop bandwidth
3.3V, (typical)
1.2
MHz
2.5V, (typical)
0.8
MHz
ZOUT
Output Impedance
3.3V, (typical), High drive
29
Ω
3.3V, (typical), Standard drive
41
Ω
2.5V, (typical), High drive
37
Ω
2.5V, (typical), Standard drive
41
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com