Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL23EP09SC-1HT Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SL23EP09SC-1HT
Description  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP09SC-1HT Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SL23EP09SC-1HT Datasheet HTML 5Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 6Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 7Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 8Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 9Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 10Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 11Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 12Page - Silicon Laboratories SL23EP09SC-1HT Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Rev 2.0, May 12, 2008
Page 9 of 14
SL23EP09
AC Electrical Specifications (VDD=3.3V and 2.5V) (cont.)
Notes:
3. Typical jitter is measured at 3.3V or 2.5V, 30
°C with all outputs driven into the maximum specified load.
Symbol
Description
Condition
Min
Typ
Max
Unit
tPLLOCK
PLL Lock Time[9]
Time from 90% of VDD to valid clocks on all the
output clocks
–
–
1.0
ms
CCJ
Cycle-to-cycle Jitter
[2,3]
3.3V supply, >66 MHz, <15 pF, high drive
–
30
60
ps
3.3V supply, >66 MHz, <15 pF, standard drive
–
50
185
ps
2.5V supply, >66 MHz, <15 pF, high drive
–
70
150
ps
2.5V supply, >66 MHz, <15 pF, standard drive
–
100
250
ps
3.3V supply, >66 MHz, <30 pF, high drive
–
50
350
ps
3.3V supply, >66 MHz, <30 pF, standard drive
–
65
250
ps
2.5V supply, >66 MHz, <30 pF, high drive
–
75
430
ps
S2:S1 = 1:0 mode, 3.3V, <15pF, high drive
–
15
40
ps
S2:S1 = 1:0 mode, 3.3V, <15pF, standard drive
–
15
40
ps
S2:S1 = 1:0 mode, 2.5V, <15pF, high drive
–
20
50
ps
S2:S1 = 1:0 mode, 2.5V, <15pF, standard drive
–
20
50
ps
PPJ
[2,3]
Peak Period Jitter
3.3V supply, >100 MHz, <15 pF, standard drive
–
40
90
ps
3.3V supply, 66-100 MHz, <15 pF, standard
drive
–
50
95
ps
2.5V supply, 66-100 MHz, <15 pF, high drive
–
40
85
ps
2.5V supply, >66 MHz, <15 pF, standard drive
–
75
180
ps
2.5V supply, >100 MHz, <15 pF, high drive
–
15
45
ps
S2:S1 = 1:0 mode, 3.3V, <15pF, standard drive
–
25
60
ps
S2:S1 = 1:0 mode, 3.3V, <15pF, high drive
–
25
60
ps
S2:S1 = 1:0 mode, 2.5V, <15pF, standard drive
–
40
80
ps
S2:S1 = 1:0 mode, 2.5V, <15pF, high drive
–
40
80
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com