Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DLP5500AFYA Datasheet(PDF) 3 Page - Texas Instruments

Part # DLP5500AFYA
Description  0.55 XGA Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP5500AFYA Datasheet(HTML) 3 Page - Texas Instruments

  DLP5500AFYA Datasheet HTML 1Page - Texas Instruments DLP5500AFYA Datasheet HTML 2Page - Texas Instruments DLP5500AFYA Datasheet HTML 3Page - Texas Instruments DLP5500AFYA Datasheet HTML 4Page - Texas Instruments DLP5500AFYA Datasheet HTML 5Page - Texas Instruments DLP5500AFYA Datasheet HTML 6Page - Texas Instruments DLP5500AFYA Datasheet HTML 7Page - Texas Instruments DLP5500AFYA Datasheet HTML 8Page - Texas Instruments DLP5500AFYA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
DLP5500
www.ti.com
DLPS013F – APRIL 2010 – REVISED MAY 2015
Revision History (continued)
•
Added Window Characteristics section ............................................................................................................................... 18
•
Added Chipset Component Usage Specification section .................................................................................................... 18
•
Changed Micromirror Array, Pitch, Hinge Axis Orientation Figure to generic image (M x N) .............................................. 22
•
Changed Micromirror States: On, Off, Flat Figure to generic DMD image .......................................................................... 23
•
Changed Test Point locations from TC1 & TC2 to TP1 - TP5 ............................................................................................. 25
•
Changed Test Point location Diagram to show TP1 - TP5................................................................................................... 26
•
Added Micromirror Landed-on/Landed-Off Duty Cycle section ............................................................................................ 27
•
Changed Typical Application diagram .................................................................................................................................. 30
•
Replaced "DAD" with "DLPA200" ......................................................................................................................................... 31
Changes from Revision D (October 2012) to Revision E
Page
•
Deleted the Device Part Number Nomenclature section...................................................................................................... 34
Changes from Revision C (June 2012) to Revision D
Page
•
Changed the Device Part Number Nomenclature From: DLP5500FYA To: DLP5500AFYA............................................... 34
•
Updated Mechanical ICD to V2 with a minor change in the window height......................................................................... 34
Changes from Revision B (Spetember 2011) to Revision C
Page
•
Added the Package Footprint and Socket information in the Features list ........................................................................... 1
•
Deleted redundant information from the Description .............................................................................................................. 1
•
Changed the Illumination power density Max value of <420 mm From: 20 To: 2 mW/cm
2 ................................................... 7
•
Changed Storage temperature range and humidity values in Absolute Maximum Ratings .................................................. 7
•
Added Operating Case Temperature, Operating Humidity, Operating Device Temperature Gradient and Operating
Landed Duty-Cycle to RECOMMENDED OPERATING CONDITIONS. ................................................................................ 8
•
Added Mirror metal specular reflectivity and Illumination overfill values to "Micromirror Array Optical Characteristics"
table ...................................................................................................................................................................................... 17
•
Corrected the CL2W, Qarray and Tarray values in Micromirror Array Temperature Calculation for Uniform Illumination. ...... 26
•
Corrected the document reference in Related Documents section...................................................................................... 34
Changes from Revision A (June 2010) to Revision B
Page
•
Changed the window refractive index NOM spec From: 1.5090 To: 1.5119 ....................................................................... 17
•
Added table note "At a wavelength of 632.8 nm"................................................................................................................. 17
Changes from Original (April 2010) to Revision A
Page
•
Changed VREF to VCC1............................................................................................................................................................. 7
•
Added |VID| to the absolute max table .................................................................................................................................... 7
•
Added VMBRST to the absolute max table ................................................................................................................................ 7
•
Clarified Note6 measurement point ....................................................................................................................................... 7
•
Changed the Illumination power density Max value of <420 mm From: 2 To: 20 mW/cm
2 ................................................... 7
•
Added Additional Related Documents.................................................................................................................................. 34
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DLP5500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com