Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DLP5500AFYA Datasheet(PDF) 7 Page - Texas Instruments

Part # DLP5500AFYA
Description  0.55 XGA Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP5500AFYA Datasheet(HTML) 7 Page - Texas Instruments

Back Button DLP5500AFYA Datasheet HTML 3Page - Texas Instruments DLP5500AFYA Datasheet HTML 4Page - Texas Instruments DLP5500AFYA Datasheet HTML 5Page - Texas Instruments DLP5500AFYA Datasheet HTML 6Page - Texas Instruments DLP5500AFYA Datasheet HTML 7Page - Texas Instruments DLP5500AFYA Datasheet HTML 8Page - Texas Instruments DLP5500AFYA Datasheet HTML 9Page - Texas Instruments DLP5500AFYA Datasheet HTML 10Page - Texas Instruments DLP5500AFYA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
DLP5500
www.ti.com
DLPS013F – APRIL 2010 – REVISED MAY 2015
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
ELECTRICAL
VCC
Voltage applied to VCC
(2) (3)
–0.5
4
V
VCCI
Voltage applied to VCCI
(2) (3)
–0.5
4
V
Delta supply voltage |VCC – VCCI|
(4)
0.3
V
Maximum differential voltage, Damage can occur to internal resistor if exceeded,
|VID|
700
mV
See Figure 6
VCC2
Voltage applied to VOFFSET
(2) (3) (4)
–0.5
8
V
VMBRST
Voltage applied to MBRST[0:15] Input Pins
–28
28
V
Voltage applied to all other pins(2)
–0.5
VCC + 0.3
V
Current required from a high-level
IOH
VOH = 2.4 V
–20
mA
output
Current required from a low-level
IOL
VOL = 0.4 V
15
mA
output
ENVIRONMENTAL
Case temperature: operational (5) (6)
–20
90
ºC
TCASE
Case temperature: non–operational (6)
–40
90
ºC
Dew Point (Operating and non-Operating)
81
ºC
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages referenced to VSS (ground).
(3)
Voltages VCC, VCCI, and VCC2 are required for proper DMD operation.
(4)
Exceeding the recommended allowable absolute voltage difference between VCC and VCCI may result in excess current draw. The
difference between VCC and VCCI, | VCC - VCCI|, should be less than .3V.
(5)
Exposure of the DMD simultaneously to any combination of the maximum operating conditions for case temperature, differential
temperature, or illumination power density (see Recommended Operating Conditions).
(6)
DMD Temperature is the worst-case of any test point shown in Figure 15, or the active array as calculated by the Micromirror Array
Temperature Calculation.
8.2 Storage Conditions
applicable before the DMD is installed in the final product
MIN
MAX
UNIT
Tstg
DMD storage temperature
–40
80
°C
Storage Dew Point - long-term (1)
24
TDP
Storage dew point
°C
Storage Dew Point - short-term (2)
28
(1)
Long-term is defined as the usable life of the device.
(2)
Dew points beyond the specified long-term dew point are for short-term conditions only, where short-term is defined as less than 60
cumulative days over the usable life of the device (operating, non-operating, or storage).
8.3 ESD Ratings
VALUE
UNIT
Electrostatic discharge immunity for LVCMOS [I/O] pins(1)
±2000
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all other
±2000
V(ESD)
Electrostatic discharge
V
pins [power, control pins] except MBRST (2)
Electrostatic discharge immunity for MBRST[0:15] pins(1)
<250
(1)
Tested in accordance with JESD22-A114-B Electrostatic Discharge (ESD) sensitivity testing Human Body Model (HBM).
(2)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DLP5500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com