Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB2642 Datasheet(PDF) 4 Page - Microchip Technology

Part # USB2642
Description  USB 2.0 Hub and Flash Media Card Controller Combo
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2642 Datasheet(HTML) 4 Page - Microchip Technology

  USB2642 Datasheet HTML 1Page - Microchip Technology USB2642 Datasheet HTML 2Page - Microchip Technology USB2642 Datasheet HTML 3Page - Microchip Technology USB2642 Datasheet HTML 4Page - Microchip Technology USB2642 Datasheet HTML 5Page - Microchip Technology USB2642 Datasheet HTML 6Page - Microchip Technology USB2642 Datasheet HTML 7Page - Microchip Technology USB2642 Datasheet HTML 8Page - Microchip Technology USB2642 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
 2014-2015 Microchip Technology Inc.
DS00001578C-page 4
USB2642
1.0
OVERVIEW
1.1
Introduction
The USB2642 offers a USB 2.0 compliant, versatile, cost-effective and energy-efficient hi-speed hub controller with 2
downstream USB ports and an SD/MMC flash media card interface. The dedicated flash media reader is internally
attached to a 3rd downstream port of the hub as a USB compound device. This combo solution supports today’s popular
multi-format flash media card formats. The flash media interface can support sustained transfer rates exceeding 35 MB/
s if the media and host support those rates.
The USB2642 also provides I2C over USB. The I2C bridge allows for control of any I2C device operating at 50kHz clock.
The USB2642 will attach to an upstream port as either a full-speed or full-/hi-speed hub. The hub supports low-speed,
full-speed, and hi-speed (if operating as a full-/hi-speed hub) downstream devices on all of the enabled downstream
ports.
All required resistors on the USB ports are integrated into the hub. This includes all series termination resistors on D+
and D- pins and all required pull-down and pull-up resistors. The over-current sense inputs for the downstream facing
ports have internal pull-up resistors.
The USB2642 includes programmable features such as:
PortMap
which provides flexible port mapping and disable sequences. The downstream ports of a USB2642 hub can
be reordered or disabled in any sequence to support multiple platform designs with minimum effort. For any port that is
disabled, the USB2642 automatically reorders the remaining ports to
match the USB host controller’s port numbering scheme.
PortSwap
which adds per-port programmability to USB differential-pair
pin locations. PortSwap allows direct alignment of USB signals (D+/D-)
to connectors avoiding uneven trace length or crossing of the USB differ-
ential signals on the PCB.
PHYBoost
which enables four programmable levels of USB signal drive
strength in downstream port transceivers. PHYBoost attempts to restore
USB signal integrity. The diagram on the right shows an example of Hi-
Speed USB eye diagrams before (PHYBoost at 0%) and after (PHYBoost
at 12%) signal integrity restoration in a compromised system environ-
ment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com