Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB2642 Datasheet(PDF) 9 Page - Microchip Technology

Part # USB2642
Description  USB 2.0 Hub and Flash Media Card Controller Combo
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2642 Datasheet(HTML) 9 Page - Microchip Technology

Back Button USB2642 Datasheet HTML 5Page - Microchip Technology USB2642 Datasheet HTML 6Page - Microchip Technology USB2642 Datasheet HTML 7Page - Microchip Technology USB2642 Datasheet HTML 8Page - Microchip Technology USB2642 Datasheet HTML 9Page - Microchip Technology USB2642 Datasheet HTML 10Page - Microchip Technology USB2642 Datasheet HTML 11Page - Microchip Technology USB2642 Datasheet HTML 12Page - Microchip Technology USB2642 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
 2014-2015 Microchip Technology Inc.
DS00001578C-page 9
USB2642
5.0
PIN DESCRIPTIONS
This section provides a detailed description of each signal. The signals are arranged in functional groups according to
their associated interface. The pin descriptions below are applied when using the internal default firmware and can be
referenced in Section 7.0, Configuration Options. The acronyms used in this chapter can be referenced in Appendix A:
"Acronyms".
An N at the end of a signal name indicates that the active (asserted) state occurs when the signal is at a low voltage
level. When the N is not present, the signal is asserted when it is at a high voltage level. The terms assertion and nega-
tion are used exclusively in order to avoid confusion when working with a mixture of active low and active high signals.
The term assert, or assertion, indicates that a signal is active, independent of whether that level is represented by a high
or low voltage. The term negate, or negation, indicates that a signal is inactive.
5.1
USB2642 Pin Description
TABLE 5-1:
USB2642 PIN DESCRIPTIONS
Symbol
48-Pin
QFN
Buffer
Type
Description
Secure Digital Interface
SD_D[7:0]
19
20
23
30
32
33
17
18
I/O12PU
Secure Digital Data 7-0
These are the bi-directional data signals SD_D0 - SD_D7
Note:
The pull up resistance is a current source that is limited to VDD.
SD_CLK
21
O12
Secure Digital Clock
This is an output clock signal to SD/MMC device.
SD_CMD
24
I/O12PU
Secure Digital Command
This is a bi-directional signal that connects to the CMD signal of the SD/
MMC device.
SD_nCD
14
I/O12PU
Secure Digital Card Detect
SD_WP
13
I/O12
Secure Digital Write Protect
I2C Interface
SDA
29
I/O12
Serial Data Signal
SCL
36
I/O12
Serial Clock
USB Interface
USBUP_DM
USBUP_DP
43
42
I/O-U
USB Bus Data
These pins connect to the upstream USB bus data signals (host port or
upstream hub). USBUP_DM and USBUP_DP can be swapped using the
PortSwap feature.
USBDN_DM
[3:2]
USBDN_DP
[3:2]
3
1
4
2
I/O-U
USB Bus Data
These pins connect to the downstream USB bus data signals and can be
swapped using the PortSwap feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com