Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB3503 Datasheet(PDF) 4 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 4 Page - Microchip Technology

  USB3503 Datasheet HTML 1Page - Microchip Technology USB3503 Datasheet HTML 2Page - Microchip Technology USB3503 Datasheet HTML 3Page - Microchip Technology USB3503 Datasheet HTML 4Page - Microchip Technology USB3503 Datasheet HTML 5Page - Microchip Technology USB3503 Datasheet HTML 6Page - Microchip Technology USB3503 Datasheet HTML 7Page - Microchip Technology USB3503 Datasheet HTML 8Page - Microchip Technology USB3503 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
USB3503
DS00001584B-page 4
 2011-2015 Microchip Technology Inc.
1.0
GENERAL DESCRIPTION
The USB3503 is a low-power, USB 2.0 hub controller with HSIC upstream connectivity and three USB 2.0 downtream
ports. The USB3503 operates as a hi-speed hub and supports low-speed, full-speed, and hi-speed downstream devices
on all of the enabled downstream ports.
The USB3503 has been specifically optimized for mobile embedded applications. The pin-count has been reduced by
optimizing the USB3503 for mobile battery-powered embedded systems where power consumption, small package
size, and minimal BOM are critical design requirements. Standby mode power has been minimized. Instead of a dedi-
cated crystal, reference clock inputs are aligned to mobile applications. Flexible integrated power regulators ease inte-
gration into battery powered devices. All required resistors on the USB ports are integrated into the hub. This includes
all series termination resistors on D+ and D– pins and all required pull-down resistors on D+ and D– pins.
The USB3503 includes programmable features such as:
MultiTRAKTM Technology, which utilizes a dedicated Transaction Translator (TT) per port to maintain consistent full-
speed data throughput regardless of the number of active downstream connections. MultiTRAKTM outperforms conven-
tional USB 2.0 hubs with a single TT in USB full-speed data transfers.
PortMap, which provides flexible port mapping and disable sequences. The downstream ports of a USB3503 hub can
be reordered or disabled in any sequence to support multiple platform designs with minimum effort. For any port that is
disabled, the USB3503 hub controllers automatically reorder the remaining ports to match the USB host controller’s port
numbering scheme.
PortSwap, which adds per-port programmability to USB differential-pair pin locations. PortSwap allows direct alignment
of USB signals (D+/D-) to connectors to avoid uneven trace length or crossing of the USB differential signals on the
PCB.
PHYBoost, which provides programmable levels of Hi-Speed USB signal drive
strength in the downstream port transceivers. PHYBoost attempts to restore USB sig-
nal integrity in a compromised system environment. The graphic on the right shows
an example of Hi-Speed USB eye diagrams before and after PHYBoost signal integ-
rity restoration.
VariSense, which controls the USB receiver sensitivity enabling programmable lev-
els of USB signal receive sensitivity. This capability allows operation in a sub-optimal
system environment, such as when a captive USB cable is used.
1.1
Customer Selectable Features
A default configuration is available in the USB3503 following a reset. This configuration may be sufficient for most appli-
cations. The USB3503 hub may also be configured by an external microcontroller. When using the microcontroller inter-
face, the hub appears as an I2C slave device.
The USB3503 hub supports customer selectable features including:
• Optional customer configuration via I2C.
• Supports compound devices on a port-by-port basis.
• Customizable vendor ID, product ID, and device ID.
• Configurable downstream port power-on time reported to the host.
• Supports indication of the maximum current that the hub consumes from the USB upstream port.
• Supports Indication of the maximum current required for the hub controller.
• Configurable as a either a Self-Powered or Bus-Powered Hub
• Supports custom string descriptors (up to 30 characters):
- Product string
- Manufacturer string
- Serial number string
• When available, I2C configurable options for default configuration may include:
- Downstream ports as non-removable ports
- Downstream ports as disabled ports
- USB signal drive strength
- USB receiver sensitivity
- USB differential pair pin location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com