Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB3503 Datasheet(PDF) 13 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 9Page - Microchip Technology USB3503 Datasheet HTML 10Page - Microchip Technology USB3503 Datasheet HTML 11Page - Microchip Technology USB3503 Datasheet HTML 12Page - Microchip Technology USB3503 Datasheet HTML 13Page - Microchip Technology USB3503 Datasheet HTML 14Page - Microchip Technology USB3503 Datasheet HTML 15Page - Microchip Technology USB3503 Datasheet HTML 16Page - Microchip Technology USB3503 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
 2011-2015 Microchip Technology Inc.
DS00001584B-page 13
USB3503
TABLE 3-4:
USB3503 SECONDARY REFERENCE CLOCK FREQUENCIES
3.3.4
INTERRUPT
The general interrupt pin (INT_N) is intended to communicate a condition change within the hub. The conditions that
may cause an interrupt are captured within a register mapped to the serial port (Register E8h: Serial Port Interrupt Status
- INT_STATUS). The conditions that cause the interrupt to assert can be controlled through use of an interrupt mask
register (Register E9h: Serial Port Interrupt Mask - INT_MASK).
The general interrupt and all interrupt conditions are functionally latched and event driven. Once the interrupt or any of
the conditions have asserted, the status bit will remain asserted until the SOC negates the bit using the serial port. The
bits will then remain negated until a new event condition occurs. The latching nature of the register causes the status to
remain even if the condition that caused the interrupt ceases to be active. The event driven nature of the register causes
the interrupt to only occur when a new event occurs- when a condition is removed and then is applied again.
The function of the interrupt and the associated status and masking registers are illustrated in Figure 3-3. Registers &
Register bits shown in the figure are defined in Table 5-2, “Serial Interface Registers,” on page 19.
TABLE 3-3:
USB3503 PRIMARY REFERENCE CLOCK FREQUENCIES
REF_SEL[1:0]
Frequency (MHz)
‘00’
38.4
‘01’
26.0
‘10’
19.2
‘11’
12.0
REF_SEL[1:0]
Frequency (MHz)
‘00’
24.0
‘01’
27.0
‘10’
25.0
‘11’
50.0
FIGURE 3-3:
INT_N OPERATION
Reserved
Reserved
Serial Port
Write Logic
INT_N
Q
Q
SET
CLR
D
INT_MASK
<1>
<2>
<3>
<4>
Q
Q
SET
CLR
S
R
INT_STATUS <7>
<0>
Q
Q
SET
CLR
S
R
Q
Q
SET
CLR
S
R
Q
Q
SET
CLR
S
R
Q
Q
SET
CLR
S
R
Q
Q
SET
CLR
S
R
INT_STATUS<4:0>
SCL/SDA
Hub Configured by USB Host
(HubConf)
Port Power Register Updated
(PrtPwr)
Hub in USB Suspend Mode
(SuspInd)
Suspended OR
NOT Configured
Q
Q
SET
CLR
D
CFGP.INTSUSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com