Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN9500 Datasheet(PDF) 82 Page - Microchip Technology

Part # LAN9500
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500 Datasheet(HTML) 82 Page - Microchip Technology

Back Button LAN9500 Datasheet HTML 78Page - Microchip Technology LAN9500 Datasheet HTML 79Page - Microchip Technology LAN9500 Datasheet HTML 80Page - Microchip Technology LAN9500 Datasheet HTML 81Page - Microchip Technology LAN9500 Datasheet HTML 82Page - Microchip Technology LAN9500 Datasheet HTML 83Page - Microchip Technology LAN9500 Datasheet HTML 84Page - Microchip Technology LAN9500 Datasheet HTML 85Page - Microchip Technology LAN9500 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 213 page
background image
LAN950x
DS00001875A-page 82
 2010 - 2015 Microchip Technology Inc.
5.7.2
EEPROM DEFAULTS
The signature value of 0xA5 is stored at address 0. A different signature value indicates to the EEPROM controller that
no EEPROM or an un-programmed EEPROM is attached to the device. In this case, the hardware default values are
used, as shown in Table 5-60. Please refer to Section 5.3.1.6, "USB Descriptors," on page 31 for further information
about the default USB values.
Note 5-2
Product IDs are:
Note 1: The Configuration Flags are affected by the PWR_SEL and RMT_WKP straps.
2: Refer to theLAN950x Vendor/Product ID application note for details on proper usage of these fields.
5.7.3
EEPROM AUTO-LOAD
Certain system level resets (USB reset, POR, nRESET, and SRST) cause the EEPROM contents to be loaded into the
device. After a reset, the EEPROM controller attempts to read the first byte of data from the EEPROM. If the value 0xA5
is read from the first address, then the EEPROM controller will assume that an external Serial EEPROM is present.
The EEPROM Controller will then load the entire contents of the EEPROM into an internal 512 byte SRAM. The contents
of the SRAM are accessed by the CTL (USB Control Block) as needed (I.E. to fill Get Descriptor commands). A detailed
explanation of the EEPROM byte ordering with respect to the MAC address is given in Section 7.4.3, "MAC Address
Low Register (ADDRL)," on page 163.
If an 0xA5h is not read from the first address, the EEPROM controller will end initialization. The default values, as spec-
ified in Table 5-60, will then be assumed by the associated registers. It is then the responsibility of the Host LAN driver
software to set the IEEE address by writing to the MAC’s ADDRH and ADDRL registers.
The device may not respond to the USB Host until the EEPROM loading sequence has completed. Therefore, after
reset, the USB PHY is kept in the disconnect state until the EEPROM load has completed.
5.7.4
EEPROM HOST OPERATIONS
After the EEPROM controller has finished reading (or attempting to read) the EEPROM after a system-level reset, the
Host is free to perform other EEPROM operations. EEPROM operations are performed using the EEPROM Command
(E2P_CMD) and EEPROM Data (E2P_DATA) registers. Section 7.3.12, "EEPROM Command Register (E2P_CMD),"
on page 136 provides an explanation of the supported EEPROM operations.
TABLE 5-60:
EEPROM DEFAULTS
Field
Default Value
MAC Address
FFFFFFFFFFFFh
Full-Speed Polling Interval (mS)
01h
Hi-Speed Polling Interval (mS)
04h
Configuration Flags
04h
Maximum Power (mA)
FAh
Vendor ID
0424h
Product ID
Note 5-2
Product
ID
LAN9500/LAN9500i
9500h
LAN9500A/LAN9500Ai
9E00h
Note:
The USB reset only loads the MAC address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com