Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN9500 Datasheet(PDF) 89 Page - Microchip Technology

Part # LAN9500
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500 Datasheet(HTML) 89 Page - Microchip Technology

Back Button LAN9500 Datasheet HTML 85Page - Microchip Technology LAN9500 Datasheet HTML 86Page - Microchip Technology LAN9500 Datasheet HTML 87Page - Microchip Technology LAN9500 Datasheet HTML 88Page - Microchip Technology LAN9500 Datasheet HTML 89Page - Microchip Technology LAN9500 Datasheet HTML 90Page - Microchip Technology LAN9500 Datasheet HTML 91Page - Microchip Technology LAN9500 Datasheet HTML 92Page - Microchip Technology LAN9500 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 213 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001875A-page 89
LAN950x
12h
00
Configuration String Descriptor Length (0 bytes - NA)
13h
00
Configuration String Descriptor Word Offset (Don’t Care)
14h
00
Interface String Descriptor Length (0 bytes - NA)
15h
00
Interface String Descriptor Word Offset (Don’t Care)
16h
12
Hi-Speed Device Descriptor Length (18 bytes)
17h
24
Hi-Speed Device Descriptor Word Offset (24h)
Corresponds to EEPROM Byte Offset 48h
18h
12
Hi-Speed Configuration and Interface Descriptor Length (18 bytes)
19h
2D
Hi-Speed Configuration and Interface Descriptor Word Offset (2Dh)
Corresponds to EEPROM Byte Offset 5Ah
1Ah
12
Full-Speed Device Descriptor Length (18 bytes)
1Bh
36
Full-Speed Device Descriptor Word Offset (36h)
Corresponds to EEPROM Byte Offset 6Ch
1Ch
12
Full-Speed Configuration and Interface Descriptor Length (18bytes)
1Dh
3F
Full-Speed Configuration and Interface Descriptor Word Offset (3Fh)
Corresponds to EEPROM Byte Offset 7Eh
1Eh
0A
Size of Manufacturer ID String Descriptor (10 bytes)
1Fh
03
Descriptor Type (String Descriptor - 03h)
20h-27h
53 00 4D 00 53 00 43 00
Manufacturer ID String (“MCHP” in UNICODE)
28h
10
Size of Product Name String Descriptor (16 bytes)
29h
03
Descriptor Type (String Descriptor - 03h)
2Ah-37h
4C 00 41 00 4E 00 39 00
35 00 30 00 30 00
Product Name String (“LAN9500” in UNICODE)
38h
10
Size of Serial Number String Descriptor (16 bytes)
39h
03
Descriptor Type (String Descriptor - 03h)
3Ah-47h
30 00 30 00 30 00 35 00
31 00 32 00 33 00
Serial Number String (“0005123” in UNICODE)
48h
12
Size of Hi-Speed Device Descriptor in Bytes (18 bytes)
49h
01
Descriptor Type (Device Descriptor - 01h)
4Ah-4Bh
00 02
USB Specification Number that the device complies with (0200h)
4Ch
FF
Class Code
4Dh
00
Subclass Code
4Eh
01
Protocol Code
4Fh
40
Maximum Packet Size for Endpoint 0
50h-51h
24 04
Vendor ID (0424h)
52h-53h
00 95
Product ID (9500h)
54h-55h
00 01
Device Release Number (0100h)
56h
01
Index of Manufacturer String Descriptor
57h
02
Index of Product String Descriptor
58h
03
Index of Serial Number String Descriptor
59h
01
Number of Possible Configurations
5Ah
09
Size of Hi-Speed Configuration Descriptor in bytes (9 bytes)
5Bh
02
Descriptor Type (Configuration Descriptor - 02h)
5Ch-5Dh
27 00
Total length in bytes of data returned (0027h = 39 bytes)
5Eh
01
Number of Interfaces
5Fh
01
Value to use as an argument to select this configuration
TABLE 5-63:
EEPROM EXAMPLE - 256 BYTE EEPROM - LAN9500/LAN9500I (CONTINUED)
EEPROM
Address
EEPROM Contents
(Hex)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com