Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LNBH25S Datasheet(PDF) 16 Page - STMicroelectronics

Part # LNBH25S
Description  LNB supply and control IC with step-up and IC interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25S Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LNBH25S Datasheet HTML 12Page - STMicroelectronics LNBH25S Datasheet HTML 13Page - STMicroelectronics LNBH25S Datasheet HTML 14Page - STMicroelectronics LNBH25S Datasheet HTML 15Page - STMicroelectronics LNBH25S Datasheet HTML 16Page - STMicroelectronics LNBH25S Datasheet HTML 17Page - STMicroelectronics LNBH25S Datasheet HTML 18Page - STMicroelectronics LNBH25S Datasheet HTML 19Page - STMicroelectronics LNBH25S Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Typical application circuits
LNBH25S
16/37
DocID026736 Rev 2
5
Typical application circuits
Figure 6: DiSEqC 1.x application circuit
Table 5: DiSEqC 1.x bill of material
Component
Notes
R1 (RSEL)
SMD resistor. Refer to Table 13: "Electrical characteristics" and ISEL pin
description in Table 2: "Pin description"
C1
> 25 V electrolytic capacitor, 100 µF or higher is suitable
or
> 25 V ceramic capacitor, 10 µF or higher is suitable
C2
With COMP = 0, > 25 V electrolytic capacitor, 100 µF or higher is suitable
or
with COMP = 1, > 35 V ceramic capacitor, 22 µF (or 2 x 10 µF) or higher is
suitable
C3
From 470 nF to 2.2 µF ceramic capacitor placed as closer as possible to VUP
pins. Higher values allow lower DC-DC noise
C5
From 100 nF to 220 nF ceramic capacitor placed as close as possible to VOUT
pins. Higher values allow lower DC-DC noise
C4, C7
220 nF ceramic capacitors. To be placed as close as possible to VOUT pin
D1
STPS130A or similar Schottky diode
D2
1N4001-07, S1A-S1M, or any similar general purpose rectifier
D3
BAT54, BAT43, 1N5818, or any low power Schottky diode with IF(AV) > 0.2 A,
VRRM > 25 V, VF < 0.5 V. To be placed as close as possible to VOUT pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com