Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LNBH25S Datasheet(PDF) 2 Page - STMicroelectronics

Part # LNBH25S
Description  LNB supply and control IC with step-up and IC interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25S Datasheet(HTML) 2 Page - STMicroelectronics

  LNBH25S Datasheet HTML 1Page - STMicroelectronics LNBH25S Datasheet HTML 2Page - STMicroelectronics LNBH25S Datasheet HTML 3Page - STMicroelectronics LNBH25S Datasheet HTML 4Page - STMicroelectronics LNBH25S Datasheet HTML 5Page - STMicroelectronics LNBH25S Datasheet HTML 6Page - STMicroelectronics LNBH25S Datasheet HTML 7Page - STMicroelectronics LNBH25S Datasheet HTML 8Page - STMicroelectronics LNBH25S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Contents
LNBH25S
2/37
DocID026736 Rev 2
Contents
1
Block diagram.................................................................................. 6
2
Application information .................................................................. 7
2.1
DiSEqC data encoding (DSQIN pin) ................................................. 7
2.2
Data encoding by external 22 kHz tone TTL signal........................... 7
2.3
Data encoding by external DiSEqC envelope control through the
DSQIN pin...................................................................................................... 8
2.4
LPM (low power mode) ..................................................................... 8
2.5
DiSEqC 2.0 implementation .............................................................. 8
2.6
Output current limit selection............................................................. 9
2.7
Output voltage selection.................................................................... 9
2.8
Diagnostic and protection functions .................................................. 9
2.9
Surge protections and TVS diodes.................................................... 9
2.10
FLT (fault flag)................................................................................. 10
2.11
VMON (output voltage diagnostic) .................................................. 10
2.12
TMON (22 kHz tone diagnostic) ...................................................... 10
2.13
TDET (22 kHz tone detection)......................................................... 10
2.14
IMON (minimum output current diagnostic)..................................... 11
2.15
PDO (overcurrent detection on output pull-down stage) ................. 11
2.16
Power-on I²C interface reset and undervoltage lockout .................. 11
2.17
PNG (input voltage minimum detection).......................................... 11
2.18
ISW (inductor switching current limit) .............................................. 11
2.19
COMP (boost capacitors and inductor) ........................................... 11
2.20
OLF (overcurrent and short-circuit protection and diagnostic) ........ 12
2.21
OTF (thermal protection and diagnostic) ......................................... 12
3
Pin configuration ........................................................................... 13
4
Maximum ratings ........................................................................... 15
5
Typical application circuits........................................................... 16
6
I²C bus interface ............................................................................ 19
6.1
Data validity..................................................................................... 19
6.2
Start and stop condition .................................................................. 19
6.3
Byte format...................................................................................... 19
6.4
Acknowledge................................................................................... 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com