Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RPC56EL60L5CFQY Datasheet(PDF) 90 Page - STMicroelectronics

Part # RPC56EL60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5CFQY Datasheet(HTML) 90 Page - STMicroelectronics

Back Button RPC56EL60L5CFQY Datasheet HTML 86Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 87Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 88Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 89Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 90Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 91Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 92Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 93Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 137 page
background image
Electrical characteristics
RPC56EL60L5
90/137
DocID026934 Rev 1
EMC testing was performed and documented according to these standards: [IEC61508-2-
7.4.5.1.b, IEC61508-2-7.2.3.2.e, IEC61508-2-Table-A.17 (partially), IEC61508-2-Table-
B.5(partially),SRS2110]
EME testing was performed and documented according to these standards: [IEC 61967-2 &
-4]
EMS testing was performed and documented according to these standards: [IEC 62132-2 &
-4]
Refer RPC56EL60 for detailed information pertaining to the EMC, EME, and EMS testing
and results.
3.6
Electrostatic discharge (ESD) characteristics
Electrostatic discharges (a positive then a negative pulse separated by 1 second) are
applied to the pins of each sample according to each pin combination. The sample size
depends on the number of supply pins in the device (3 parts × (n + 1) supply pin). This test
conforms to the AEC-Q100-002/-003/-011 standard. For more details, the application note
Electrostatic Discharge Sensitivity Measurement is available on request.
Table 13. EMI emission testing specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VEME
CC Radiated emissions
Configuration A; frequency range
150 kHz–50 MHz
—16—
dB
V
Configuration A; frequency range 50–
150 MHz
—16—
Configuration A; frequency range 150–
500 MHz
—32—
Configuration A; frequency range 500–
1000 MHz
—25—
Configuration B; frequency range 50–
150 MHz
—15—
Configuration B; frequency range 50–
150 MHz
—21—
Configuration B; frequency range 150–
500 MHz
—30—
Configuration B; frequency range 500–
1000 MHz
—24—
Table 14. ESD ratings(1), (2)
No
.
Symbol
Parameter
Conditions
Clas
s
Max value(3)
Unit
1VESD(HBM)
SR
Electrostatic discharge
(Human Body Model)
TA = 25 °C
conforming to AEC-Q100-002
H1C
2000
V
2VESD(MM)
SR
Electrostatic discharge
(Machine Model)
TA = 25 °C
conforming to AEC-Q100-003
M2
200
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com