Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RPC56EL60L5CFQY Datasheet(PDF) 15 Page - STMicroelectronics

Part # RPC56EL60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5CFQY Datasheet(HTML) 15 Page - STMicroelectronics

Back Button RPC56EL60L5CFQY Datasheet HTML 11Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 12Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 13Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 14Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 15Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 16Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 17Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 18Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 137 page
background image
DocID026934 Rev 1
15/137
RPC56EL60L5
Introduction
136
The eDMA module provides the following features:
16 channels supporting 8-, 16-, and 32-bit value single or block transfers
Support variable sized queues and circular buffered queue
Source and destination address registers independently configured to post-increment
or stay constant
Support major and minor loop offset
Support minor and major loop done signals
DMA task initiated either by hardware requestor or by software
Each DMA task can optionally generate an interrupt at completion and retirement of the
task
Signal to indicate closure of last minor loop
Transfer control descriptors mapped inside the SRAM
The eDMA controller is replicated for each processing channel.
1.5.5
On-chip flash memory with ECC
This device includes programmable, non-volatile flash memory. The non-volatile memory
(NVM) can be used for instruction storage or data storage, or both. The flash memory
module interfaces with the system bus through a dedicated flash memory array controller. It
supports a 64-bit data bus width at the system bus port, and a 128-bit read data interface to
flash memory. The module contains four 128-bit prefetch buffers. Prefetch buffer hits allow
no-wait responses. Buffer misses incur a 3 wait state response at 120 MHz.
The flash memory module provides the following features
1 MB of flash memory in unique multi-partitioned hard macro
Sectorization: 16 KB + 2 × 48 KB + 16 KB + 2 × 64 KB + 2 × 128 KB + 2 × 256 KB
EEPROM emulation (in software) within same module but on different partition
16 KB test sector and 16 KB shadow block for test, censorship device and user option
bits
Wait states:
–
3 wait states for frequencies =< 120 MHz
–
2 wait states for frequencies =< 80 MHz
–
1 wait state for frequencies =< 60 MHz
Flash memory line 128-bit wide with 8-bit ECC on 64-bit word (total 144 bits)
Accessed via a 64-bit wide bus for write and a 128-bit wide array for read operations
1-bit error correction, 2-bit error detection
1.5.6
On-chip SRAM with ECC
The RPC56EL60L5 SRAM provides a general-purpose single port memory.
ECC handling is done on a 32-bit boundary for data and it is extended to the address to
have the highest possible diagnostic coverage including the array internal address decoder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com