Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD28P3LLH6AG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD28P3LLH6AG
Description  High avalanche ruggedness
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD28P3LLH6AG Datasheet(HTML) 3 Page - STMicroelectronics

  STD28P3LLH6AG Datasheet HTML 1Page - STMicroelectronics STD28P3LLH6AG Datasheet HTML 2Page - STMicroelectronics STD28P3LLH6AG Datasheet HTML 3Page - STMicroelectronics STD28P3LLH6AG Datasheet HTML 4Page - STMicroelectronics STD28P3LLH6AG Datasheet HTML 5Page - STMicroelectronics STD28P3LLH6AG Datasheet HTML 6Page - STMicroelectronics STD28P3LLH6AG Datasheet HTML 7Page - STMicroelectronics STD28P3LLH6AG Datasheet HTML 8Page - STMicroelectronics STD28P3LLH6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STD28P3LLH6AG
Electrical ratings
DocID028397 Rev 1
3/15
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
-30
V
VGS
Gate-source voltage
±18
V
ID
(1)
Drain current (continuous) at Tcase = 25 °C
-12
A
Drain current (continuous) at Tcase = 100 °C
IDM
(2)
Drain current (pulsed)
-48
A
PTOT
Total dissipation at Tcase = 25 °C
33
W
EAS
(3)
Single pulse avalanche energy
210
mJ
Tstg
Storage temperature
–55 to 150
°C
Tj
Maximum operating junction temperature
150
°C
Notes:
(1)
Limited by wire bonding
(2)
Pulse width is limited by safe operating area.
(3)
starting Tj = 25 °C, IAS =-6 A, VDD = -25 V, Vgs = -10 V .
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
3.75
°C/W
Rthj-pcb
(1)
Thermal resistance junction-pcb
50
Notes:
(1)
When mounted on a 1-inch² FR-4, 2 Oz copper board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com