Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD28P3LLH6AG Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD28P3LLH6AG
Description  High avalanche ruggedness
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD28P3LLH6AG Datasheet(HTML) 4 Page - STMicroelectronics

  STD28P3LLH6AG Datasheet HTML 1Page - STMicroelectronics STD28P3LLH6AG Datasheet HTML 2Page - STMicroelectronics STD28P3LLH6AG Datasheet HTML 3Page - STMicroelectronics STD28P3LLH6AG Datasheet HTML 4Page - STMicroelectronics STD28P3LLH6AG Datasheet HTML 5Page - STMicroelectronics STD28P3LLH6AG Datasheet HTML 6Page - STMicroelectronics STD28P3LLH6AG Datasheet HTML 7Page - STMicroelectronics STD28P3LLH6AG Datasheet HTML 8Page - STMicroelectronics STD28P3LLH6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STD28P3LLH6AG
4/15
DocID028397 Rev 1
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4: Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID = -250 µA
-30
V
IDSS
Zero gate voltage drain
current
VGS = 0 V, VDS = -30 V
-1
µA
VGS = 0 V, VDS = -30 V,
Tcase = 125 °C
-10
IGSS
Gate-body leakage
current
VDS = 0 V, VGS = ±18 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = -250 µA
-1
-2.5
V
RDS(on)
Static drain-source on-
resistance
VGS = -10 V, ID = -6 A
0.027
0.03
Ω
VGS = -4.5 V, ID = -6 A
0.038
0.05
Ω
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = -25 V, f = 1 MHz, VGS = 0 V
-
1480
-
pF
Coss
Output
capacitance
-
170
-
Crss
Reverse transfer
capacitance
-
125
-
Qg
Total gate charge
VDD = -15 V, ID = -12 A, VGS = -10 V
(see Figure 14: "Gate charge test
circuit")
-
29
-
nC
Qgs
Gate-source
charge
-
4.7
-
Qgd
Gate-drain charge
-
5.6
-
Table 6: Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay
time
VDD = -15 V, ID = -6 A RG = 4.7 Ω,
VGS = -10 V (see Figure 13: "Switching
times test circuit for resistive load" )
-
10
-
ns
tr
Rise time
-
7.9
-
td(off)
Turn-off delay
time
-
41.5
-
tf
Fall time
-
6.9
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com