Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STF26N60M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF26N60M2
Description  N-channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2 Power MOSFETs in TO-220FP and I²PAKFP packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF26N60M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STF26N60M2 Datasheet HTML 1Page - STMicroelectronics STF26N60M2 Datasheet HTML 2Page - STMicroelectronics STF26N60M2 Datasheet HTML 3Page - STMicroelectronics STF26N60M2 Datasheet HTML 4Page - STMicroelectronics STF26N60M2 Datasheet HTML 5Page - STMicroelectronics STF26N60M2 Datasheet HTML 6Page - STMicroelectronics STF26N60M2 Datasheet HTML 7Page - STMicroelectronics STF26N60M2 Datasheet HTML 8Page - STMicroelectronics STF26N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
July 2015
DocID027600 Rev 2
1/15
This is information on a product in full production.
www.st.com
STF26N60M2, STFI26N60M2
N-
channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2
Power MOSFETs in TO-220FP and I²PAKFP packages
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS @
TJmax
RDS(on)
max.
ID
PTOT
STF26N60M2
650 V
0.165 Ω
20 A
30
W
STFI26N60M2
•
Extremely low gate charge
•
Excellent output capacitance (COSS) profile
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
•
LCC converters, resonant converters
Description
These devices are N-channel Power MOSFETs
developed using MDmesh™ M2 technology.
Thanks to their strip layout and improved vertical
structure, these devices exhibit low on-resistance
and optimized switching characteristics,
rendering them suitable for the most demanding
high efficiency converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STF26N60M2
26N60M2
TO-220FP
Tube
STFI26N60M2
I²PAKFP
TO-220FP
I2PAKFP (TO-281)
1
2
3
1 2
3
AM15572v1_no_tab
D(2)
G(1)
S(3)


Similar Part No. - STF26N60M2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF26N60M2 ISC-STF26N60M2 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF26N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB33N65M2 STMICROELECTRONICS-STB33N65M2 Datasheet
800Kb / 23P
N-channel 650 V, 0.117 Ω typ., 24 A MDmesh™ M2 Power MOSFETs in D²PAK, TO-220FP, TO-220 and I²PAK packages
10-Dec-2014
STF42N60M2-EP STMICROELECTRONICS-STF42N60M2-EP Datasheet
638Kb / 16P
N-channel 600 V, 0.076 ??typ., 34 A MDmesh™M2 EP Power MOSFETs in TO-220FP and TO-3PF packages
21-Jan-2015
STP26N60M2 STMICROELECTRONICS-STP26N60M2 Datasheet
804Kb / 16P
N-channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2 Power MOSFETs in TO-220 and TO-247 packages
March 2017 Rev 2
STFU26N60M2 STMICROELECTRONICS-STFU26N60M2 Datasheet
704Kb / 12P
N-channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2 Power MOSFET in TO-220FP ultra narrow leads package
27-Jul-2017
STF14N80K5 STMICROELECTRONICS-STF14N80K5 Datasheet
766Kb / 16P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFETs in TO-220FP and I²PAKFP packages
02-Dec-2015
STB18N60M2 STMICROELECTRONICS-STB18N60M2_V01 Datasheet
861Kb / 27P
N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,I2PAK, TO-220 and TO-247 packages
06-Nov-2018
STF20N65M5 STMICROELECTRONICS-STF20N65M5_V01 Datasheet
1Mb / 18P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh M5 Power MOSFETs in TO-220FP, I²PAKFP and TO-3PF packages
22-Mar-2017
STF34N65M5 STMICROELECTRONICS-STF34N65M5_V01 Datasheet
1Mb / 15P
N-channel 650 V, 0.09 Ω typ., 28 A MDmesh™ V Power MOSFETs in TO-220FP, I2PAKFP, I2PAK packages
14-Jan-2014
STF40N60M2 STMICROELECTRONICS-STF40N60M2_V01 Datasheet
886Kb / 18P
N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
28-Sep-2016
STFI11N60M2-EP STMICROELECTRONICS-STFI11N60M2-EP Datasheet
303Kb / 13P
N-channel 600 V, 0.550 Ω typ., 7.5 A MDmesh™ M2 EP Power MOSFET in an I²PAKFP package
14-May-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com