Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL92N10F7AG Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL92N10F7AG
Description  High avalanche ruggedness
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL92N10F7AG Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL92N10F7AG Datasheet HTML 3Page - STMicroelectronics STL92N10F7AG Datasheet HTML 4Page - STMicroelectronics STL92N10F7AG Datasheet HTML 5Page - STMicroelectronics STL92N10F7AG Datasheet HTML 6Page - STMicroelectronics STL92N10F7AG Datasheet HTML 7Page - STMicroelectronics STL92N10F7AG Datasheet HTML 8Page - STMicroelectronics STL92N10F7AG Datasheet HTML 9Page - STMicroelectronics STL92N10F7AG Datasheet HTML 10Page - STMicroelectronics STL92N10F7AG Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID027022 Rev 2
7/16
STL92N10F7AG
Electrical characteristics
16
Figure 8. Capacitance variations
Figure 9. Normalized gate threshold voltage vs
temperature
C
1500
1000
500
0
0
20
VDS(V)
(pF)
80
Ciss
Coss
Crss
40
60
2500
2000
3000
3500
AM18093v1
VGS(th)
0.6
0.4
0.2
0
-55
-5
TJ(°C)
(norm)
0.8
45
95
ID=250µA
145
1
1.2
AM18094v1
Figure 10. Normalized on-resistance vs
temperature
Figure 11. Normalized V(BR)DSS vs temperature
RDS(on)
TJ(°C)
(norm)
-55
-5
45
95
145
1.5
1
0.5
0
2
ID=16A
VGS=10V
AM18095v1
V(BR)DSS
TJ(°C)
(norm)
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
ID=1mA
1.04
-55
-5
45
95
145
AM18096v1
Figure 12. Source-drain diode forward
characteristics
VSD
5
15
ISD(A)
(V)
10
20
25
0.5
0.6
0.7
0.8
TJ=-55°C
TJ=175°C
TJ=25°C
0.9
30
AM18097v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com