Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5294IPFPR Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5294IPFPR
Description  Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294IPFPR Datasheet(HTML) 41 Page - Texas Instruments

Back Button ADS5294IPFPR Datasheet HTML 37Page - Texas Instruments ADS5294IPFPR Datasheet HTML 38Page - Texas Instruments ADS5294IPFPR Datasheet HTML 39Page - Texas Instruments ADS5294IPFPR Datasheet HTML 40Page - Texas Instruments ADS5294IPFPR Datasheet HTML 41Page - Texas Instruments ADS5294IPFPR Datasheet HTML 42Page - Texas Instruments ADS5294IPFPR Datasheet HTML 43Page - Texas Instruments ADS5294IPFPR Datasheet HTML 44Page - Texas Instruments ADS5294IPFPR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
ADS5294
www.ti.com
SLAS776D – NOVEMBER 2011 – REVISED SEPTEMBER 2015
Register Maps (continued)
Table 6. Summary of Functions Supported by Serial Interface (1)(2)(3)(4) (continued)
ADDR.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
DESCRIPTION
(HEX)
1: Enables a repeating full-scale ramp pattern on the outputs;
X
0
0
EN_RAMP
0: Normal operation
1:Enables mode wherein output toggles between two defined codes;
0
X
0
DUALCUSTOM_PAT
0: Normal operation
1: Enables mode wherein output is a constant specified code;
0
0
X
SINGLE_CUSTOM_PAT
0: Normal operation
2 MSBs for single custom pattern (and for the first code of the dual
X
X
BITS_CUSTOM1<13:12>
custom patterns)
X
X
BITS_CUSTOM2<13:12>
2 MSBs for second code of the dual custom patterns
1: Software sync bit for test patterns on all 8 CHs;
25
X
TP_SOFT_SYNC
0: No sync. Note: in order to synchronize the digital filters using the
SYNC pin, this bit must be set as 0.
1: PRBS test pattern enable bit;
X
PRBS_TP_EN
0: PRBS test pattern disabled
X
PRBS_MODE_2
PRBS 9 bit LFSR (23bit LFSR is default)
1: Enable PRBS seed to be chosen from register 0x23 and 0x24;
X
PRBS_SEED_FROM_REG
0: Disabled
1: Enable the external SYNC feature for syncing test patterns.
X
TP_HARD_SYNC
0: Inactive. Note: in order to synchronize the digital filters using the
SYNC pin, this bit must be set as 0.
12 lower bits for single custom pattern (and for the first code of the
26
X
X
X
X
X
X
X
X
X
X
X
X
BITS_CUSTOM1<11:0>
dual custom pattern).
27
X
X
X
X
X
X
X
X
X
X
X
X
BITS_CUSTOM2<11:0>
12 lower bits for second code of the dual custom pattern
Enables the bit order output.
X
EN_BITORDER
0 = byte-wise, 1 = word-wise
Selects between byte-wise and bit-wise
1: bit-wise, odd bits come out on one wire and even bits come out on
0
X
BIT_WISE
other wire
0: byte-wise, upper bits on one wire and lower bits on other wire
28
Note: D15 must be set to '0' for this mode
1: Output format is one sample on one LVDS wire and next sample
on other LVDS wire.
1
X
X
X
X
X
X
X
X
EN_WORDWISE__BY_CH<7:0>
0: Data comes out in 2-wire mode with upper set of bits on one
channel and lower set of bits on the other.
Note: D15 must set to '1' for this mode.
1: Enables filter blocks - global control;
X
GLOBAL_EN_FILTER
0: Inactive
29
1: Enables channel averaging mode;
X
EN_CHANNEL_AVG
0: Inactive
X
X
X
X
GAIN_CH1<3:0>
Programmable gain - Channel 1
X
X
X
X
GAIN_CH2<3:0>
Programmable gain - Channel 2
2A
X
X
X
X
GAIN_CH3<3:0>
Programmable gain - Channel 3
X
X
X
X
GAIN_CH4<3:0>
Programmable gain - Channel 4
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com