Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8563SDGST Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563SDGST
Description  Internal Reference
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDGST Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC8563SDGST Datasheet HTML 2Page - Texas Instruments DAC8563SDGST Datasheet HTML 3Page - Texas Instruments DAC8563SDGST Datasheet HTML 4Page - Texas Instruments DAC8563SDGST Datasheet HTML 5Page - Texas Instruments DAC8563SDGST Datasheet HTML 6Page - Texas Instruments DAC8563SDGST Datasheet HTML 7Page - Texas Instruments DAC8563SDGST Datasheet HTML 8Page - Texas Instruments DAC8563SDGST Datasheet HTML 9Page - Texas Instruments DAC8563SDGST Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
www.ti.com
7.5 Electrical Characteristics
At AVDD = 2.7 V to 5.5 V and TA = –40°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(1)
Resolution
16
Bits
DAC856x
Relative accuracy
Using line passing through codes 512 and 65,024
±4
±12
LSB
Differential nonlinearity
16-bit monotonic
±0.2
±1
LSB
Resolution
14
Bits
DAC816x
Relative accuracy
Using line passing through codes 128 and 16,256
±1
±3
LSB
Differential nonlinearity
14-bit monotonic
±0.1
±0.5
LSB
Resolution
12
Bits
DAC756x
Relative accuracy
Using line passing through codes 32 and 4,064
±0.3
±0.75
LSB
Differential nonlinearity
12-bit monotonic
±0.05
±0.25
LSB
Offset error
Extrapolated from two-point line(1), unloaded
±1
±4
mV
Offset error drift
±2
µV/°C
Full-scale error
DAC register loaded with all 1s
±0.03
±0.2
% FSR
Zero-code error
DAC register loaded with all 0s
1
4
mV
Zero-code error drift
±2
µV/°C
Gain error
Extrapolated from two-point line(1), unloaded
±0.01
±0.15
% FSR
ppm
Gain temperature coefficient
±1
FSR/°C
OUTPUT CHARACTERISTICS(2)
Output voltage range
0
AVDD
V
DACs unloaded
7
Output voltage settling time(3)
µs
RL = 1 MΩ
10
Slew rate
Measured between 20%–80% of a full-scale transition
0.75
V/µs
RL = ∞
1
Capacitive load stability
nF
RL = 2 kΩ
3
Code-change glitch impulse
1-LSB change around major carry
0.1
nV-s
Digital feedthrough
SCLK toggling, SYNC high
0.1
nV-s
Power-on glitch impulse
RL = 2 kΩ, CL = 470 pF, AVDD = 5.5 V
40
mV
Full-scale swing on adjacent channel,
5
External reference
Channel-to-channel dc crosstalk
µV
Full-scale swing on adjacent channel,
15
Internal reference
DC output impedance
At mid-scale input
5
Ω
DAC outputs at full-scale, DAC outputs shorted to
Short-circuit current
40
mA
GND
Power-up time, including settling time
Coming out of power-down mode
50
µs
AC PERFORMANCE(2)
DAC output noise density
TA = 25°C, at mid-scale input, fOUT = 1 kHz
90
nV/
√Hz
DAC output noise
TA = 25°C, at mid-scale input, 0.1 Hz to 10 Hz
2.6
µVPP
(1)
16-bit: codes 512 and 65,024; 14-bit: codes 128 and 16,256; 12-bit: codes 32 and 4,064
(2)
Specification based on design or characterization. Not production tested
(3)
Transition time between 1 / 4 scale and 3 / 4 scale, including settling to within ±0.024% FSR
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: DAC7562 DAC7563 DAC8162 DAC8163 DAC8562 DAC8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com