Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8563SDGST Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563SDGST
Description  Internal Reference
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDGST Datasheet(HTML) 1 Page - Texas Instruments

  DAC8563SDGST Datasheet HTML 1Page - Texas Instruments DAC8563SDGST Datasheet HTML 2Page - Texas Instruments DAC8563SDGST Datasheet HTML 3Page - Texas Instruments DAC8563SDGST Datasheet HTML 4Page - Texas Instruments DAC8563SDGST Datasheet HTML 5Page - Texas Instruments DAC8563SDGST Datasheet HTML 6Page - Texas Instruments DAC8563SDGST Datasheet HTML 7Page - Texas Instruments DAC8563SDGST Datasheet HTML 8Page - Texas Instruments DAC8563SDGST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
DAC756x (12-Bit)
DAC816x (14-Bit)
DAC856x (16-Bit)
Buffer Control
Register Control
Control Logic
Power-
Down
Control
Logic
AV
DD
V
REFIN
REFOUT
/
V
CLR
LDAC
2.5-V
Reference
V
B
OUT
V
A
OUT
GND
DAC
DAC
Input Control Logic
SYNC
SCLK
D
IN
Data Buffer A
Data Buffer B
DAC Register A
DAC Register B
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
DACxx6x Dual 16-, 14-, 12-Bit, Low-Power, Buffered, Voltage-Output
DACs With 2.5-V, 4-PPM/°C Internal Reference
1 Features
3 Description
The DAC756x, DAC816x, and DAC856x devices are
1
•
Relative Accuracy:
low-power, voltage-output, dual-channel, 16-, 14-,
–
DAC756x (12-Bit): 0.3 LSB INL
and
12-bit
digital-to-analog
converters
(DACs),
–
DAC816x (14-Bit): 1 LSB INL
respectively.
These
devices
include
a
2.5-V,
4-ppm/°C internal reference, giving a full-scale output
–
DAC856x (16-Bit): 4 LSB INL
voltage range of 2.5 V or 5 V. The internal reference
•
Glitch Impulse: 0.1 nV-s
has an initial accuracy of ±5 mV and can source or
•
Bidirectional Reference: Input or 2.5-V Output
sink up to 20 mA at the VREFIN/VREFOUT pin.
–
Output Disabled by Default
These devices are monotonic, providing excellent
–
±5-mV Initial Accuracy (Max)
linearity
and
minimizing
undesired
code-to-code
transient voltages (glitch). They use a versatile three-
–
4-ppm°C Temperature Drift (Typ)
wire serial interface that operates at clock rates up to
–
10-ppm/°C Temperature Drift (Max)
50 MHz. The interface is compatible with standard
–
20-mA Sink and Source Capability
SPI™,
QSPI™,
Microwire,
and
digital
signal
processor (DSP) interfaces. The DACxx62 devices
•
Power-On Reset to Zero Scale or Mid-Scale
incorporate a power-on-reset circuit that ensures the
•
Low-Power: 4 mW (Typ, 5-V AVDD, Including
DAC output powers up and remains at zero scale
Internal Reference Current)
until a valid code is written to the device, whereas the
•
Wide Power-Supply Range: 2.7 V to 5.5 V
DACxx63 devices similarly power up at mid-scale.
These devices contain a power-down feature that
•
50-MHz SPI With Schmitt-Triggered Inputs
reduces current consumption to typically 550 nA at
•
LDAC and CLR Functions
5 V. The low power consumption, internal reference,
•
Output Buffer With Rail-to-Rail Operation
and small footprint make these devices ideal for
•
Packages: WSON-10 (3 mm × 3 mm), VSSOP-10
portable, battery-operated equipment.
•
Temperature Range: –40°C to 125°C
The DACxx62 devices are drop-in and function-
compatible with each other, as are the DACxx63
2 Applications
devices. The entire family is available in MSOP-10
and SON-10 packages.
•
Portable Instrumentation
•
PLC Analog Output Module
Device Information(1)
•
Closed-Loop Servo Control
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Voltage Controlled Oscillator Tuning
DAC8562
VSSOP (10),
•
Data Acquisition Systems
DAC8162
3.00 mm × 3.00 mm
WSON (10)
•
Programmable Gain and Offset Adjustment
DAC7562
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DAC8563SDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8563SDGST TI1-DAC8563SDGST Datasheet
1Mb / 58P
DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC8563SDGST TI1-DAC8563SDGST Datasheet
1Mb / 56P
DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC8563SDGST TI2-DAC8563SDGST Datasheet
2Mb / 63P
DACxx6x Dual 16-, 14-, 12-Bit, Low-Power, Buffered, Voltage-Output DACs With 2.5-V, 4-PPM/°C Internal Reference
REVISED JUNE 2015
DAC8563SDGST.A TI2-DAC8563SDGST.A Datasheet
2Mb / 63P
DACxx6x Dual 16-, 14-, 12-Bit, Low-Power, Buffered, Voltage-Output DACs With 2.5-V, 4-PPM/°C Internal Reference
REVISED JUNE 2015
More results

Similar Description - DAC8563SDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL103W TI-TL103W Datasheet
196Kb / 9P
DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
TL103W TI-TL103W_08 Datasheet
302Kb / 12P
DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
1.6V Nanopower Comparator with Internal Reference
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
1.6V Nanopower Comparator with Internal Reference
logo
Texas Instruments
DAC7562T TI1-DAC7562T Datasheet
1Mb / 60P
Internal Reference
logo
Microchip Technology
MCP8024 MICROCHIP-MCP8024 Datasheet
1Mb / 46P
Internal Bandgap Reference
08/20/13
logo
Texas Instruments
TL103W TI1-TL103W_16 Datasheet
744Kb / 16P
Dual Operational Amplifiers With Internal Reference
logo
Maxim Integrated Produc...
MAX11626 MAXIM-MAX11626_14 Datasheet
401Kb / 22P
ADCs with FIFO and Internal Reference
Rev 5; 9/14
logo
Hotchip Technology Co.,...
HT3582D HOTCHIP-HT3582D Datasheet
911Kb / 6P
Internal reference source Adjusted idler voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com