Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8563T Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563T
Description  Internal Reference
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563T Datasheet(HTML) 35 Page - Texas Instruments

Back Button DAC8563T Datasheet HTML 31Page - Texas Instruments DAC8563T Datasheet HTML 32Page - Texas Instruments DAC8563T Datasheet HTML 33Page - Texas Instruments DAC8563T Datasheet HTML 34Page - Texas Instruments DAC8563T Datasheet HTML 35Page - Texas Instruments DAC8563T Datasheet HTML 36Page - Texas Instruments DAC8563T Datasheet HTML 37Page - Texas Instruments DAC8563T Datasheet HTML 38Page - Texas Instruments DAC8563T Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
DAC7562T, DAC7563T, DAC8162T
DAC8163T, DAC8562T, DAC8563T
www.ti.com
SLASE61A – SEPTEMBER 2015 – REVISED OCTOBER 2015
8.4.6 LDAC Functionality
The DAC756xT, DAC816xT, and DAC856xT devices offer both a software and hardware simultaneous update
and control function. The DAC double-buffered architecture has been designed so that new data can be entered
for each DAC without disturbing the analog outputs.
DAC756xT, DAC816xT, and DAC856xT data updates can be performed either in synchronous or in
asynchronous mode.
In asynchronous mode, the LDAC pin is used as a negative edge-triggered timing signal for simultaneous DAC
updates. Multiple single-channel writes can be done in order to set different channel buffers to desired values
and then make a falling edge on LDAC pin to simultaneously update the DAC output registers. Data buffers of all
channels must be loaded with desired data before an LDAC falling edge. After a high-to-low LDAC transition, all
DACs are simultaneously updated with the last contents of the corresponding data buffers. If the content of a
data buffer is not changed, the corresponding DAC output remains unchanged after the LDAC pin is triggered.
LDAC must be returned high before the next serial command is initiated.
In synchronous mode, data are updated with the falling edge of the 24th SCLK cycle, which follows a falling edge
of SYNC. For such synchronous updates, the LDAC pin is not required, and it must be connected to GND
permanently or asserted and held low before sending commands to the device.
Alternatively, all DAC outputs can be updated simultaneously using the built-in software function of LDAC. The
LDAC register offers additional flexibility and control by allowing the selection of which DAC channel(s) should be
updated simultaneously when the LDAC pin is being brought low. The LDAC register is loaded with a 2-bit word
(DB1 and DB0) using command bits C2, C1, and C0 (see Table 17). The default value for each bit, and therefore
for each DAC channel, is zero. If the LDAC register bit is set to 1, it overrides the LDAC pin (the LDAC pin is
internally tied low for that particular DAC channel) and this DAC channel updates synchronously after the falling
edge of the 24th SCLK cycle. However, if the LDAC register bit is set to 0, the DAC channel is controlled by the
LDAC pin.
The combination of software and hardware simultaneous update functions is particularly useful in applications
when updating a DAC channel, while keeping the other channel unaffected; see Table 11 and Table 17 for more
information.
Table 11. DAC-n Selection for LDAC Register Command
DB1, DB0
Value
LDAC Pin Functionality
DB0
0
DAC-A uses LDAC pin
1
DAC-A operates in synchronous mode
DB1
0
DAC-B uses LDAC pin
1
DAC-B operates in synchronous mode
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: DAC7562T DAC7563T DAC8162T DAC8163T DAC8562T DAC8563T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com