Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8563T Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563T
Description  Internal Reference
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563T Datasheet(HTML) 45 Page - Texas Instruments

Back Button DAC8563T Datasheet HTML 41Page - Texas Instruments DAC8563T Datasheet HTML 42Page - Texas Instruments DAC8563T Datasheet HTML 43Page - Texas Instruments DAC8563T Datasheet HTML 44Page - Texas Instruments DAC8563T Datasheet HTML 45Page - Texas Instruments DAC8563T Datasheet HTML 46Page - Texas Instruments DAC8563T Datasheet HTML 47Page - Texas Instruments DAC8563T Datasheet HTML 48Page - Texas Instruments DAC8563T Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
FSx0
CLKx0
Dx0
SYNC
DAC
SCLK
D
IN
NOTE: Additionalpinsomittedforclarity.
OMAP-L138
TMS320F28062
MFSxA
MCLKxA
MDxA
SYNC
DAC
SCLK
D
IN
NOTE: Additionalpinsomittedforclarity.
P1.4/GPIO
P1.5/SCLK
P1.6/SDO
MSP430F2013
SYNC
DAC
SCLK
D
IN
NOTE: Additionalpinsomittedforclarity.
DAC7562T, DAC7563T, DAC8162T
DAC8163T, DAC8562T, DAC8563T
www.ti.com
SLASE61A – SEPTEMBER 2015 – REVISED OCTOBER 2015
9.3 System Examples
9.3.1 MSP430 Microprocessor Interfacing
Figure 100 shows a serial interface between the DAC756xT, DAC816xT, or DAC856xT device and a typical
MSP430 USI port such as the one found on the MSP430F2013. The port is configured in SPI master mode by
setting bits 3, 5, 6, and 7 in USICTL0. The USI counter interrupt is set in USICTL1 to provide an efficient means
of SPI communication with minimal software overhead. The serial clock polarity, source, and speed are
controlled by settings in the USI clock control register (USICKCTL). The SYNC signal is derived from a bit-
programmable pin on port 1; in this case, port line P1.4 is used. When data are to be transmitted to the
DAC756xT, DAC816xT, or DAC856xT device, P1.4 is taken low. The USI transmits data in 8-bit bytes; thus, only
eight falling clock edges occur in the transmit cycle. To load data to the DAC, P1.4 is left low after the first eight
bits are transmitted; then, a second write cycle is initiated to transmit the second byte of data. P1.4 is taken high
following the completion of the third write cycle.
Figure 100. DAC756xT, DAC816xT, or DAC856xT Device to MSP430 Interface
9.3.2 TMS320 McBSP Microprocessor Interfacing
Figure 101 shows an interface between the DAC756xT, DAC816xT, or DAC856xT device and any TMS320
series DSP from Texas Instruments with a multi-channel buffered serial port (McBSP). Serial data are shifted out
on the rising edge of the serial clock and are clocked into the DAC756xT, DAC816xT, or DAC856xT device on
the falling edge of the SCLK signal.
Figure 101. DAC756xT, DAC816xT, or DAC856xT Device to TMS320 McBSP Interface
9.3.3 OMAP-L1x Processor Interfacing
Figure 102 shows a serial interface between the DAC756xT, DAC816xT, or DAC856xT device and the OMAP-
L138 processor. The transmit clock CLKx0 of the L138 drives SCLK of the DAC756xT, DAC816xT, or DAC856xT
device, and the data transmit (Dx0) output drives the serial data line of the DAC. The SYNC signal is derived
from the frame sync transmit (FSx0) line, similar to the TMS320 interface.
Figure 102. DAC756xT, DAC816xT, or DAC856xT Device to OMAP-L1x Processor
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: DAC7562T DAC7563T DAC8162T DAC8163T DAC8562T DAC8563T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com