Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM303AGR Datasheet(PDF) 5 Page - STMicroelectronics

Part # LSM303AGR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGR Datasheet(HTML) 5 Page - STMicroelectronics

  LSM303AGR Datasheet HTML 1Page - STMicroelectronics LSM303AGR Datasheet HTML 2Page - STMicroelectronics LSM303AGR Datasheet HTML 3Page - STMicroelectronics LSM303AGR Datasheet HTML 4Page - STMicroelectronics LSM303AGR Datasheet HTML 5Page - STMicroelectronics LSM303AGR Datasheet HTML 6Page - STMicroelectronics LSM303AGR Datasheet HTML 7Page - STMicroelectronics LSM303AGR Datasheet HTML 8Page - STMicroelectronics LSM303AGR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
DocID027765 Rev 5
5/68
LSM303AGR
Contents
68
8.43
INT_SOURCE_REG_M (64h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
8.44
INT_THS_L_REG_M (65h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
8.45
INT_THS_H_REG_M (66h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
8.46
STATUS_REG_M (67h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
8.47
OUTX_L_REG_M, OUTX_H_REG_M (68h - 69h) . . . . . . . . . . . . . . . . . . 64
8.48
OUTY_L_REG_M, OUTY_H_REG_M (6Ah - 6Bh) . . . . . . . . . . . . . . . . . 65
8.49
OUTZ_L_REG_M, OUTZ_H_REG_M (6Ch - 6Dh) . . . . . . . . . . . . . . . . . 65
9
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
9.1
LGA-12 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
10
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com