Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM303AGRTR Datasheet(PDF) 59 Page - STMicroelectronics

Part # LSM303AGRTR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGRTR Datasheet(HTML) 59 Page - STMicroelectronics

Back Button LSM303AGRTR Datasheet HTML 55Page - STMicroelectronics LSM303AGRTR Datasheet HTML 56Page - STMicroelectronics LSM303AGRTR Datasheet HTML 57Page - STMicroelectronics LSM303AGRTR Datasheet HTML 58Page - STMicroelectronics LSM303AGRTR Datasheet HTML 59Page - STMicroelectronics LSM303AGRTR Datasheet HTML 60Page - STMicroelectronics LSM303AGRTR Datasheet HTML 61Page - STMicroelectronics LSM303AGRTR Datasheet HTML 62Page - STMicroelectronics LSM303AGRTR Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
DocID027765 Rev 5
59/68
LSM303AGR
Register description
68
8.31
TIME_LATENCY_A (3Ch)
8.32
TIME_WINDOW_A (3Dh)
8.33
Act_THS_A (3Eh)
8.34
Act_DUR_A (3Fh)
Table 82. TIME_LATENCY_A register
TLA7
TLA6
TLA5
TLA4
TLA3
TLA2
TLA1
TLA0
Table 83. TIME_LATENCY_A description
TLA[7:0]
Click time latency. Default value: 0000 0000
Table 84. TIME_WINDOW_A register
TW7
TW6
TW5
TW4
TW3
TW2
TW1
TW0
Table 85. TIME_WINDOW_A description
TW[7:0]
Click time window
Table 86. Act_THS_A register
--
Acth6
Acth5
Acth4
Acth3
Acth2
Acth1
Acth0
Table 87. Act_THS_A description
Acth[6:0]
Sleep-to-wake, return-to-sleep activation threshold in low-power mode
1 LSb = 16 mg @ FS = 2 g
1 LSb = 32 mg @ FS = 4 g
1 LSb = 62 mg @ FS = 8 g
1 LSb = 186 mg @ FS = 16 g
Table 88. Act_DUR_A register
ActD7
ActD6
ActD5
ActD4
ActD3
ActD2
ActD1
ActD0
Table 89. Act_DUR_A description
ActD[7:0]
Sleep-to-wake, return-to-sleep duration
1 LSb = (8*1[LSb]+1)/ODR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com