Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM303AGRTR Datasheet(PDF) 42 Page - STMicroelectronics

Part # LSM303AGRTR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGRTR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LSM303AGRTR Datasheet HTML 38Page - STMicroelectronics LSM303AGRTR Datasheet HTML 39Page - STMicroelectronics LSM303AGRTR Datasheet HTML 40Page - STMicroelectronics LSM303AGRTR Datasheet HTML 41Page - STMicroelectronics LSM303AGRTR Datasheet HTML 42Page - STMicroelectronics LSM303AGRTR Datasheet HTML 43Page - STMicroelectronics LSM303AGRTR Datasheet HTML 44Page - STMicroelectronics LSM303AGRTR Datasheet HTML 45Page - STMicroelectronics LSM303AGRTR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
Register mapping
LSM303AGR
42/68
DocID027765 Rev 5
7
Register mapping
The table given below provides a list of the 8-bit registers embedded in the device and the
corresponding addresses. Registers 00h through 3Fh are dedicated to the accelerometer
while registers 40h through 6Fh are dedicated to the magnetometer.
Table 25. Register address map
Name
Type(1)
Register address
Default
Comment
Hex
Binary
Reserved
00 - 06
Reserved
STATUS_REG_AUX_A
R
07
000 0111
Reserved
R
08-0B
Reserved
OUT_TEMP_L_A
R
0C
000 1100
Output
Output registers
OUT_TEMP_H_A
R
0D
000 1101
Output
INT_COUNTER_REG_A
R
0E
000 1110
WHO_AM_I_A
R
0F
000 1111
00110011 Dummy register
Reserved
10 - 1E
Reserved
TEMP_CFG_REG_A
R/W
1F
001 1111
00000000
CTRL_REG1_A
R/W
20
010 0000
00000111
Accelerometer control
registers
CTRL_REG2_A
R/W
21
010 0001
00000000
CTRL_REG3_A
R/W
22
010 0010
00000000
CTRL_REG4_A
R/W
23
010 0011
00000000
CTRL_REG5_A
R/W
24
010 0100
00000000
CTRL_REG6_A
R/W
25
010 0101
00000000
REFERENCE/DATACAPTURE_A
R/W
26
010 0110
00000000
STATUS_REG_A
R
27
010 0111
00000000
Accelerometer status
register
OUT_X_L_A
R
28
010 1000
Output
Accelerometer output
registers
OUT_X_H_A
R
29
010 1001
Output
OUT_Y_L_A
R
2A
010 1010
Output
OUT_Y_H_A
R
2B
010 1011
Output
OUT_Z_L_A
R
2C
010 1100
Output
OUT_Z_H_A
R
2D
010 1101
Output
FIFO_CTRL_REG_A
R/W
2E
010 1110
00000000
FIFO registers
FIFO_SRC_REG_A
R
2F
010 1111
0010000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com