Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C16-DRDW8TG Datasheet(PDF) 26 Page - STMicroelectronics

Part # M24C16-DRDW8TG
Description  16-Kbit serial IC bus EEPROM - 105C operation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-DRDW8TG Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M24C16-DRDW8TG Datasheet HTML 22Page - STMicroelectronics M24C16-DRDW8TG Datasheet HTML 23Page - STMicroelectronics M24C16-DRDW8TG Datasheet HTML 24Page - STMicroelectronics M24C16-DRDW8TG Datasheet HTML 25Page - STMicroelectronics M24C16-DRDW8TG Datasheet HTML 26Page - STMicroelectronics M24C16-DRDW8TG Datasheet HTML 27Page - STMicroelectronics M24C16-DRDW8TG Datasheet HTML 28Page - STMicroelectronics M24C16-DRDW8TG Datasheet HTML 29Page - STMicroelectronics M24C16-DRDW8TG Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
DC and AC parameters
M24C16-DRE
26/38
DocID027242 Rev 1
Table 8. Input parameters
Symbol
Parameter (1)
1. Characterized only, not tested in production.
Test condition
Min.
Max.
Unit
CIN
Input capacitance (SDA)
-
-
8
pF
CIN
Input capacitance (other pins)
-
-
6
pF
ZL
Input impedance (WC)
VIN < 0.3 VCC
30
-
k
Ω
ZH
VIN > 0.7 VCC
500
-
k
Ω
Table 9. Cycling performance
Symbol
Parameter
Test condition
Min
Max.
Unit
Ncycle
Write cycle
endurance
TA
≤ 25 °C, 1.8 V < VCC < 5.5 V
-
4,000,000
Write cycle
(1)
TA = 85 °C, 1.8 V < VCC < 5.5 V
-
1,200,000
TA = 105 °C, 1.8 V < VCC < 5.5 V
-
900,000
1. A Write cycle is executed when either a Page Write, a Byte Write, a Write Identification Page or
a Lock Identification Page instruction is decoded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com