Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C64M-FCU Datasheet(PDF) 25 Page - STMicroelectronics

Part # M24C64M-FCU
Description  64-Kbit serial IC bus EEPROM 4 balls CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64M-FCU Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M24C64M-FCU Datasheet HTML 21Page - STMicroelectronics M24C64M-FCU Datasheet HTML 22Page - STMicroelectronics M24C64M-FCU Datasheet HTML 23Page - STMicroelectronics M24C64M-FCU Datasheet HTML 24Page - STMicroelectronics M24C64M-FCU Datasheet HTML 25Page - STMicroelectronics M24C64M-FCU Datasheet HTML 26Page - STMicroelectronics M24C64M-FCU Datasheet HTML 27Page - STMicroelectronics M24C64M-FCU Datasheet HTML 28Page - STMicroelectronics M24C64M-FCU Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
DocID028282 Rev 2
25/35
M24C64M-FCU
DC and AC parameters
34
Table 13. DC characteristics (2.5 V to 5.5 V)
Symbol
Parameter
Test conditions (in addition to
Table 7)
Min
Max.
Unit
ILI
Input leakage current
(SCL, SDA)
VIN = VSS or VCC,
device in Standby mode
-± 2
µA
ILO
Output leakage current
SDA in Hi-Z, external voltage
applied on SDA: VSS or VCC
-± 2
µA
ICC
Supply current (Read)
2.5 V < VCC < 5.5 V, fC = 400 kHz
(rise/fall time < 50 ns)
-2
mA
2.5 V < VCC < 5.5 V, fC = 1 MHz
(rise/fall time < 50 ns)
-2.5
ICC0
Supply current (Write)
During tW
-2.5(1)
1. Characterized only, not 100% tested.
mA
ICC1
Standby supply current
Device not selected(2),
VIN = VSS or VCC, VCC = 2.5 V
2. The device is not selected after power-up, after a Read instruction (after the Stop condition), or after the
completion of the internal write cycle tW (tW is triggered by the correct decoding of a Write instruction).
-2
µA
Device not selected(2),
VIN = VSS or VCC, VCC = 5.5 V
-3
VIL
Input low voltage (SCL,
SDA)
-
–0.45
0.3 VCC
V
VIH
Input high voltage
(SCL, SDA)
-0.7 VCC
6.5
V
VOL
Output low voltage
IOL = 2.1 mA, VCC = 2.5 V or
IOL = 3 mA, VCC = 5.5 V
-0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com