Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C64M-FCU Datasheet(PDF) 32 Page - STMicroelectronics

Part # M24C64M-FCU
Description  64-Kbit serial IC bus EEPROM 4 balls CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64M-FCU Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M24C64M-FCU Datasheet HTML 27Page - STMicroelectronics M24C64M-FCU Datasheet HTML 28Page - STMicroelectronics M24C64M-FCU Datasheet HTML 29Page - STMicroelectronics M24C64M-FCU Datasheet HTML 30Page - STMicroelectronics M24C64M-FCU Datasheet HTML 31Page - STMicroelectronics M24C64M-FCU Datasheet HTML 32Page - STMicroelectronics M24C64M-FCU Datasheet HTML 33Page - STMicroelectronics M24C64M-FCU Datasheet HTML 34Page - STMicroelectronics M24C64M-FCU Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Part numbering
M24C64M-FCU
32/35
DocID028282 Rev 2
10
Part numbering
Table 17. Ordering information scheme
Example:
M24 C64M - F
CU 6
T
/T
F
Device type
M24 = I2C serial access EEPROM
Device function
C64M = 64Kbits (8192 x 8 bit)
Operating voltage
F = VCC = 1.7 V to 5.5 V
Package(1)
1. ECOPACK2® (RoHS compliant and free of brominated, chlorinated and antimony oxide flame retardants).
CU = Ultra thin 4-bump WLCSP
Device grade
6 = device tested with standard test flow over –40 to 85 °C
Option
T = Tape and reel packing
blank = tube packing
Process technology(2)
2. The process letter appears on the device package (marking) and on the shipment box. Please contact your
nearest ST Sales Office for further information.
T = Manufacturing technology code
Option
Blank = No Back Side Coating
F = Back Side Coating (WLCSP height = 0.345mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com