Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95020-DRMF4TG Datasheet(PDF) 6 Page - STMicroelectronics

Part # M95020-DRMF4TG
Description  Automotive 2-Kbit serial SPI bus EEPROMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95020-DRMF4TG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M95020-DRMF4TG Datasheet HTML 2Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 3Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 4Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 5Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 6Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 7Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 8Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 9Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Description
M95020-A125 M95020-A145
6/41
DocID025284 Rev 5
1
Description
The M95020-A125 and M95020-A145 are 2-Kbit serial EEPROM Automotive grade devices
operating up to 145°C. They are compliant with the very high level of reliability defined by
the Automotive standard AEC-Q100 grade 0.
The devices are accessed by a simple serial SPI compatible interface running up to
20 MHz.
The memory array is based on advanced true EEPROM technology (Electrically Erasable
PROgrammable Memory). The M95020-A125 and M95020-A145 are byte-alterable
memories (256 × 8 bits) organized as 16 pages of 16 byte in which the data integrity is
significantly improved with an embedded Error Correction Code logic.
The M95020-A125 and M95020-A145 offer an additional Identification Page (16 byte) in
which the ST device identification can be read. This page can also be used to store
sensitive application parameters which can be later permanently locked in read-only mode.
Figure 1. Logic diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com