Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95020-DRMF4TG Datasheet(PDF) 29 Page - STMicroelectronics

Part # M95020-DRMF4TG
Description  Automotive 2-Kbit serial SPI bus EEPROMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95020-DRMF4TG Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M95020-DRMF4TG Datasheet HTML 25Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 26Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 27Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 28Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 29Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 30Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 31Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 32Page - STMicroelectronics M95020-DRMF4TG Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
DocID025284 Rev 5
29/41
M95020-A125 M95020-A145
DC and AC parameters
40
Table 12. DC characteristics (voltage range W, temperature range 4)
Symbol
Parameter
Specific test conditions
(in addition to conditions specified in
Table 9
)
Min.
Max.
Unit
COUT(2) Output capacitance (Q)
VOUT = 0 V
-
8
pF
CIN(2)
Input capacitance
VIN = 0 V
-
6
ILI
Input leakage current
VIN = VSS or VCC
-2
µA
ILO
Output leakage current
S = VCC, VOUT = VSS or VCC
-3
ICC
Supply current (Read)
VCC = 2.5 V, fC = 10 MHz,
C = 0.1 VCC/0.9 VCC, Q = open
-2
mA
VCC = 5.5 V, fC = 10 MHz,
C = 0.1 VCC/0.9 VCC, Q = open
-4
ICC0(1)
Supply current (Write)
2.5 V < VCC < 5.5 V, during tW,
S = VCC
-2(2)
ICC1
Supply current
(Standby power mode)
t° = 85 °C, VCC = 2.5 V, S = VCC
VIN = VSS or VCC
-2
µA
t° = 85 °C, VCC = 5.5 V, S = VCC
VIN = VSS or VCC
-3
t° = 125 °C, VCC = 2.5 V, S = VCC
VIN = VSS or VCC
-15
t° = 125 °C, VCC = 5.5 V, S = VCC
VIN = VSS or VCC
-20
t° = 145 °C, VCC = 2.5 V, S = VCC
VIN = VSS or VCC
-25
t° = 145 °C, VCC = 5.5 V, S = VCC
VIN = VSS or VCC
-40
VIL
Input low voltage
-
–0.45
0.3 VCC
V
VIH
Input high voltage
-
0.7 VCC
VCC+1
VOL
Output low voltage
IOL = 2 mA
-
0.4
VOH
Output high voltage
IOH = –2 mA
0.8 VCC
-
VRES(2)
Internal reset threshold
voltage
-0.5
1.5
1. Average value during the Write cycle (tW)
2. Characterized only, not 100% tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com